Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

S25FL128SDPNFAQ Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # S25FL128SDPNFAQ
Description  128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte)
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S25FL128SDPNFAQ Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button S25FL128SDPNFAQ Datasheet HTML 7Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 8Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 9Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 10Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 11Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 12Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 13Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 14Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 149 page
background image
Document Number: 001-98283 Rev. *M
Page 10 of 148
S25FL128S/S25FL256S
2.6
Serial Input (SI) / IO0
This input signal is used to transfer data serially into the device. It receives instructions, addresses, and data to be programmed.
Values are latched on the rising edge of serial SCK clock signal.
SI becomes IO0 - an input and output during Dual and Quad commands for receiving instructions, addresses, and data to be
programmed (values latched on rising edge of serial SCK clock signal) as well as shifting out data (on the falling edge of SCK, in
SDR commands, and on every edge of SCK, in DDR commands).
2.7
Serial Output (SO) / IO1
This output signal is used to transfer data serially out of the device. Data is shifted out on the falling edge of the serial SCK clock
signal.
SO becomes IO1 - an input and output during Dual and Quad commands for receiving addresses, and data to be programmed
(values latched on rising edge of serial SCK clock signal) as well as shifting out data (on the falling edge of SCK, in SDR commands,
and on every edge of SCK, in DDR commands).
2.8
Write Protect (WP#) / IO2
When WP# is driven Low (VIL), during a WRR command and while the Status Register Write Disable (SRWD) bit of the Status
Register is set to a 1, it is not possible to write to the Status and Configuration Registers. This prevents any alteration of the Block
Protect (BP2, BP1, BP0) and TBPROT bits of the Status Register. As a consequence, all the data bytes in the memory area that are
protected by the Block Protect and TBPROT bits, are also hardware protected against data modification if WP# is Low during a
WRR command.
The WP# function is not available when the Quad mode is enabled (CR[1]=1). The WP# function is replaced by IO2 for input and
output during Quad mode for receiving addresses, and data to be programmed (values are latched on rising edge of the SCK signal)
as well as shifting out data (on the falling edge of SCK, in SDR commands, and on every edge of SCK, in DDR commands).
WP# has an internal pull-up resistor; when unconnected, WP# is at VIH and may be left unconnected in the host system if not used
for Quad mode.
2.9
Hold (HOLD#) / IO3
The Hold (HOLD#) signal is used to pause any serial communications with the device without deselecting the device or stopping the
serial clock.
To enter the Hold condition, the device must be selected by driving the CS# input to the logic low state. It is recommended that the
user keep the CS# input low state during the entire duration of the Hold condition. This is to ensure that the state of the interface
logic remains unchanged from the moment of entering the Hold condition. If the CS# input is driven to the logic high state while the
device is in the Hold condition, the interface logic of the device will be reset. To restart communication with the device, it is
necessary to drive HOLD# to the logic high state while driving the CS# signal into the logic low state. This prevents the device from
going back into the Hold condition.
The Hold condition starts on the falling edge of the Hold (HOLD#) signal, provided that this coincides with SCK being at the logic low
state. If the falling edge does not coincide with the SCK signal being at the logic low state, the Hold condition starts whenever the
SCK signal reaches the logic low state. Taking the HOLD# signal to the logic low state does not terminate any Write, Program or
Erase operation that is currently in progress.
During the Hold condition, SO is in high impedance and both the SI and SCK input are Don't Care.
The Hold condition ends on the rising edge of the Hold (HOLD#) signal, provided that this coincides with the SCK signal being at the
logic low state. If the rising edge does not coincide with the SCK signal being at the logic low state, the Hold condition ends
whenever the SCK signal reaches the logic low state.
The HOLD# function is not available when the Quad mode is enabled (CR1[1] =1). The Hold function is replaced by IO3 for input
and output during Quad mode for receiving addresses, and data to be programmed (values are latched on rising edge of the SCK
signal) as well as shifting out data (on the falling edge of SCK, in SDR commands, and on every edge of SCK, in DDR commands).
The HOLD# signal has an internal pull-up resistor and may be left unconnected in the host system if not used for Quad mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com