Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

S25FL128SDPNFAQ Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # S25FL128SDPNFAQ
Description  128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte)
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S25FL128SDPNFAQ Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button S25FL128SDPNFAQ Datasheet HTML 5Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 6Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 7Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 8Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 9Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 10Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 11Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 12Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 149 page
background image
Document Number: 001-98283 Rev. *M
Page 8 of 148
S25FL128S/S25FL256S
Hardware Interface
Serial Peripheral Interface with Multiple Input / Output (SPI-MIO)
Many memory devices connect to their host system with separate parallel control, address, and data signals that require a large
number of signal connections and larger package size. The large number of connections increase power consumption due to so
many signals switching and the larger package increases cost.
The S25FL128S and S25FL256S devices reduce the number of signals for connection to the host system by serially transferring all
control, address, and data information over 4 to 6 signals. This reduces the cost of the memory package, reduces signal switching
power, and either reduces the host connection count or frees host connectors for use in providing other features.
The S25FL128S and S25FL256S devices use the industry standard single bit Serial Peripheral Interface (SPI) and also supports
optional extension commands for two bit (Dual) and four bit (Quad) wide serial transfers. This multiple width interface is called SPI
Multi-I/O or SPI-MIO.
2.
Signal Descriptions
2.1
Input/Output Summary
Table 2. Signal List
Signal
Name
Type
Description
RESET#
Input
Hardware Reset:
Low = device resets and returns to standby state, ready to receive a command. The
signal has an internal pull-up resistor and may be left unconnected in the host system if not used.
SCK
Input
Serial Clock
CS#
Input
Chip Select
SI / IO0
I/O
Serial Input
for single bit data commands or IO0 for Dual or Quad commands.
SO / IO1
I/O
Serial Output
for single bit data commands. IO1 for Dual or Quad commands.
WP# / IO2
I/O
Write Protect
when not in Quad mode. IO2 in Quad mode. The signal has an internal pull-up resistor
and may be left unconnected in the host system if not used for Quad commands.
HOLD# /
IO3
I/O
Hold
(pause) serial transfer in single bit or Dual data commands. IO3 in Quad-I/O mode. The signal
has an internal pull-up resistor and may be left unconnected in the host system if not used for Quad
commands.
VCC
Supply
Core Power Supply.
VIO
Supply
Versatile I/O Power Supply.
VSS
Supply
Ground.
NC
Unused
Not Connected.
No device internal signal is connected to the package connector nor is there any
future plan to use the connector for a signal. The connection may safely be used for routing space for
a signal on a Printed Circuit Board (PCB). However, any signal connected to an NC must not have
voltage levels higher than VIO.
RFU
Reserved
Reserved for Future Use.
No device internal signal is currently connected to the package connector
but there is potential future use of the connector for a signal. It is recommended to not use RFU
connectors for PCB routing channels so that the PCB may take advantage of future enhanced features
in compatible footprint devices.
DNU
Reserved
Do Not Use.
A device internal signal may be connected to the package connector. The connection
may be used by Cypress for test or other purposes and is not intended for connection to any host
system signal. Any DNU signal related function will be inactive when the signal is at VIL. The signal has
an internal pull-down resistor and may be left unconnected in the host system or may be tied to VSS.
Do not use these connections for PCB signal routing channels. Do not connect any host system signal
to this connection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com