Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SN260 Datasheet(PDF) 31 Page - STMicroelectronics

Part # SN260
Description  ZigBee® 802.15.4 network processor
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SN260 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button SN260 Datasheet HTML 27Page - STMicroelectronics SN260 Datasheet HTML 28Page - STMicroelectronics SN260 Datasheet HTML 29Page - STMicroelectronics SN260 Datasheet HTML 30Page - STMicroelectronics SN260 Datasheet HTML 31Page - STMicroelectronics SN260 Datasheet HTML 32Page - STMicroelectronics SN260 Datasheet HTML 33Page - STMicroelectronics SN260 Datasheet HTML 34Page - STMicroelectronics SN260 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 88 page
background image
SN260
SPI protocol
31/88
6.
Stop transmitting after the number of bytes (length) is received plus the Frame
Terminator.
7.
Decode the response:
–
0xFE
: SPI Byte indicating an EZSP Frame
–
0x02
: Length Byte showing the EZSP Frame is 2 bytes long
–
0x80
: EZSP Frame Control Byte indicating a response with no overflow
–
0x05
: EZSP Frame Type Byte indicating the NOP response
–
0xA7
: Frame Terminator
8.
De-activate Slave Select.
6.7.3
SN260 reset
Figure 10.
SN260 reset example
1.
nHOST_INT asserts.
2.
Activate Slave Select (nSSEL).
3.
Transmit the command:
–
0xFE
: SPI Byte indicating an EZSP Frame
–
0x02
: Length Byte showing the EZSP Frame is 2 bytes long
–
0x00
: EZSP Frame Control Byte indicating a command with no sleeping
–
0x06
: EZSP Frame Type Byte indicating the callback command
–
0xA7
: Frame Terminator
4.
Wait for nHOST_INT to assert.
5.
Transmit and receive 0xFF until a byte other than 0xFF is received.
6.
Receive response 0x00 (a byte other than 0xFF).
7.
Receive the Error Byte and decode (0x02 is enumerated as RESET_POWERON).
8.
Receive the Frame Terminator (0xA7).
9.
Response 0x00 indicates the SN260 has reset and the Host should respond
appropriately.
10. Deactivate Slave Select.
11. Since nHOST_INT does not assert again, there is no more data for the Host.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com