Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SN260 Datasheet(PDF) 47 Page - STMicroelectronics

Part # SN260
Description  ZigBee® 802.15.4 network processor
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SN260 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button SN260 Datasheet HTML 43Page - STMicroelectronics SN260 Datasheet HTML 44Page - STMicroelectronics SN260 Datasheet HTML 45Page - STMicroelectronics SN260 Datasheet HTML 46Page - STMicroelectronics SN260 Datasheet HTML 47Page - STMicroelectronics SN260 Datasheet HTML 48Page - STMicroelectronics SN260 Datasheet HTML 49Page - STMicroelectronics SN260 Datasheet HTML 50Page - STMicroelectronics SN260 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 88 page
background image
SN260
EmberZNet serial protocol
47/88
EMBER_ERR_BOOTLOADER_TRAP_UNKNOWN
0x59
Bootloader received an invalid message (failed attempt
to go into bootloader).
EMBER_ERR_BOOTLOADER_NO_IMAGE
0x5A
Bootloader cannot complete the bootload operation
because either an image was not found or the image
exceeded memory bounds.
EMBER_TOO_MANY_CONNECTIONS
0x60
EMBER_TRANSPORT_CONNECTION_COUNT
limit has
been reached.
EMBER_CONNECTION_OPEN
0x61
A connection has either been opened or is already open.
EMBER_CONNECTION_FAILED
0x63
A connection experienced a catastrophic error. The
connection is now closed and messages may have been
lost.
EMBER_CONNECTION_CLOSED
0x64
Transport layer successfully closed a connection.
EMBER_CONNECTION_CLOSING
0x65
Transport layer is in process of closing a connection
(waiting for a response from the remote device).
EMBER_DELIVERY_FAILED
0x66
Transport layer attempted to send or deliver a message,
but it failed.
EMBER_BINDING_INDEX_OUT_OF_RANGE
0x69
This binding index is out of range of the current binding
table.
EMBER_INVALID_BINDING_TERMINAL
0x6B
Could not set or find a binding index given the specified
terminal.
EMBER_INVALID_BINDING_INDEX
0x6C
An invalid binding table index was given to a function.
EMBER_TERMINAL_HAS_MULTIPLE_
BINDINGS
0x6F
Multiple binding table entries were found for the specified
terminal.
EMBER_INVALID_CALL
0x70
API call is not allowed given the current state of the stack
(for example, opening a connection from a sleepy node.).
EMBER_COST_NOT_KNOWN
0x71
Link cost to a node is not known.
EMBER_MAX_MESSAGE_LIMIT_REACHED
0x72
Maximum number of in-flight messages (such as
EMBER_TRANSPORT_PACKET_COUNT
) has been
reached.
EMBER_CONNECTION_NOT_YET_OPEN
0x73
A connection is not open yet.
EMBER_MESSAGE_TOO_LONG
0x74
Message to be transmitted is too big to fit into a single
over-the-air packet.
EMBER_BINDING_IS_ACTIVE
0x75
Application is trying to delete or overwrite a binding that
is in use.
EMBER_EUI64_NOT_AVAILABLE
0x76
EUI64 is not available in the current packet.
EMBER_INCOMING_SEQUENCED_MESSAGES
LOST
0x77
One or more sequenced messages failed to be received.
EMBER_ADC_CONVERSION_DONE
0x80
Conversion is complete.
EMBER_ADC_CONVERSION_BUSY
0x81
Conversion cannot be done because a request is being
processed.
EMBER_ADC_CONVERSION_DEFERRED
0x82
Conversion is deferred until the current request has been
processed.
EMBER_ADC_NO_CONVERSION_PENDING
0x84
No results are pending.
Table 30.
EmberStatus (continued)
Structure
Field
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com