Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SN260 Datasheet(PDF) 42 Page - STMicroelectronics

Part # SN260
Description  ZigBee® 802.15.4 network processor
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SN260 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button SN260 Datasheet HTML 38Page - STMicroelectronics SN260 Datasheet HTML 39Page - STMicroelectronics SN260 Datasheet HTML 40Page - STMicroelectronics SN260 Datasheet HTML 41Page - STMicroelectronics SN260 Datasheet HTML 42Page - STMicroelectronics SN260 Datasheet HTML 43Page - STMicroelectronics SN260 Datasheet HTML 44Page - STMicroelectronics SN260 Datasheet HTML 45Page - STMicroelectronics SN260 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 88 page
background image
EmberZNet serial protocol
SN260
42/88
7.3.3
Named values
Table 24.
boolean
Structure
Field
Description
FALSE
0x00
An alias for zero, used for clarity.
TRUE
0x01
An alias for one, used for clarity.
Table 25.
EzspConfigId
Structure
Field
Description
EZSP_CONFIG_PACKET_BUFFER_COUNT
0x01
The number of packet buffers available to the stack.
EZSP_CONFIG_NEIGHBOR_TABLE_SIZE
0x02
The maximum number of router neighbors the stack can
keep track of. A neighbor is a node within radio range.
EZSP_CONFIG_TRANSPORT_PACKET_COUN
T
0x03
The maximum number of datagram and sequenced
messages the stack can have 'in-flight' at any time. Here,
'in-flight' means 'in the process of being either
transmitted or received'.
EZSP_CONFIG_BINDING_TABLE_SIZE
0x04
The maximum number of bindings supported by the
stack. It includes the bindings in EEPROM and in RAM.
EZSP_CONFIG_TEMPORARY_BINDING_ENT
RIES
0x05
The number of binding table entries in RAM.
EZSP_CONFIG_TRANSPORT_CONNECTION_
COUNT
0x06
The number of binding table entries that can
concurrently support an open sequenced connection.
EZSP_CONFIG_ROUTE_TABLE_SIZE
0x07
The maximum number of destinations to which a node
can route messages. This include both messages
originating at this node and those relayed for others.
EZSP_CONFIG_DISCOVERY_TABLE_SIZE
0x08
The number of simultaneous route discoveries that a
node will support.
EZSP_CONFIG_DISCOVERY_CACHE_ENDPO
INTS
0x09
End-device child endpoints larger than this value will not
have their discovery information cached by their router
parent.
EZSP_CONFIG_DISCOVERY_CACHE_ENTRY
_SIZE
0x0A
The size of an entry in the end device discovery cache
on a router. Endpoint descriptions longer than this will
not be cached.
EZSP_CONFIG_DISCOVERY_CACHE_SIZE
0x0B
The number of entries in the discovery cache on a
router. Each end device child requires 1 +
EZSP_CONFIG_DISCOVERY_CACHE_ENDPOINTS
entries. The cache is held in EEPROM.
EZSP_CONFIG_STACK_PROFILE
0x0C
Specifies the stack profile.
EZSP_CONFIG_SECURITY_LEVEL
0x0D
The security level used for security at the MAC and
network layers. The supported values are 0 (no security)
and 5 (payload is encrypted and a four-byte MIC is used
for authentication).
EZSP_CONFIG_MAX_HOPS
0x10
The maximum number of hops for a message.
EZSP_CONFIG_MAX_END_DEVICE_CHILDR
EN
0x11
The maximum number of end device children that a
router will support.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com