Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SN260 Datasheet(PDF) 50 Page - STMicroelectronics

Part # SN260
Description  ZigBee® 802.15.4 network processor
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SN260 Datasheet(HTML) 50 Page - STMicroelectronics

Back Button SN260 Datasheet HTML 46Page - STMicroelectronics SN260 Datasheet HTML 47Page - STMicroelectronics SN260 Datasheet HTML 48Page - STMicroelectronics SN260 Datasheet HTML 49Page - STMicroelectronics SN260 Datasheet HTML 50Page - STMicroelectronics SN260 Datasheet HTML 51Page - STMicroelectronics SN260 Datasheet HTML 52Page - STMicroelectronics SN260 Datasheet HTML 53Page - STMicroelectronics SN260 Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 88 page
background image
EmberZNet serial protocol
SN260
50/88
Table 35.
EmberBindingType
Structure
Field
Description
EMBER_UNUSED_BINDING
0x00
A binding that is currently not in use.
EMBER_UNICAST_BINDING
0x01
A unicast binding whose 64-bit identifier is the
destination EUI64.
EMBER_AGGREGATION_BINDING
0x02
A unicast binding whose 64-bit identifier is the
aggregator EUI64.
EMBER_MULTICAST_BINDING
0x03
A multicast binding whose 64-bit identifier is the group
address. A multicast binding can be used to send
messages to the group and to receive messages sent to
the group.
Table 36.
EmberUnicastOption
Structure
Field
Description
EMBER_UNICAST_OPTION_NONE
0x00
No options.
EMBER_UNICAST_OPTION_APS_INDIRECT
0x04
Reserved.
EMBER_UNICAST_OPTION_HAVE_SOURCE
0x10
Reserved.
EMBER_UNICAST_OPTION_APS_RETRY
0x40
Resend the message using the APS retry mechanism.
EMBER_UNICAST_OPTION_ENABLE_ROUTE
DISCOVERY
0x80
Causes a route discovery to be initiated if no route to the
destination is known.
EMBER_UNICAST_OPTION_FORCE_ROUTE_
DISCOVERY
0x20
Causes a route discovery to be initiated even if one is
known.
EMBER_UNICAST_OPTION_POLL_
RESPONSE
0x01
Reserved.
Table 37.
EmberNetworkScanType
Structure
Field
Description
EMBER_ENERGY_SCAN
0x00
An energy scan scans each channel for its RSSI value.
EMBER_ACTIVE_SCAN
0x01
An active scan scans each channel for available
networks.
Table 38.
EmberJoinDecision
Structure
Field
Description
EMBER_HAS_KEY
0x00
Allow the node to join. The node has the key.
EMBER_SEND_KEY
0x01
Allow the node to join. Send the key to the node.
EMBER_DENY_JOIN
0x02
Deny join.
EMBER_ASK_TRUST_CENTER
0x03
Ask the trust center.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com