Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PM6641 Datasheet(PDF) 7 Page - STMicroelectronics

Part # PM6641
Description  Monolithic VR for chipset and DDR2/3 supply for ultra-mobile PC (UMPC) applications
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6641 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button PM6641 Datasheet HTML 3Page - STMicroelectronics PM6641 Datasheet HTML 4Page - STMicroelectronics PM6641 Datasheet HTML 5Page - STMicroelectronics PM6641 Datasheet HTML 6Page - STMicroelectronics PM6641 Datasheet HTML 7Page - STMicroelectronics PM6641 Datasheet HTML 8Page - STMicroelectronics PM6641 Datasheet HTML 9Page - STMicroelectronics PM6641 Datasheet HTML 10Page - STMicroelectronics PM6641 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 47 page
background image
PM6641
Pin settings
7/47
26
SS_1S5
Positive terminal of the external Soft-Start Capacitor for 1.5 V rail.
See Chapter 7.6: Outputs Soft-Start on page 28 section for details.
27
COMP_1S5
Loop Compensation Output for 1.5 V rail. Chapter 7.3: SW regulators
control loop on page 24 and Chapter 8.4: SW regulator compensation
components selection on page 38 sections for details.
28
VFB_1S5
Feedback Input for 1.5 V rail.
See Chapter 7.5: Output voltage divider on page 27 section for details
29
SGND_1S5
Switcher power ground for 1.5 V rail.
30
SGND_1S5
Switcher power ground for 1.5 V rail.
31
VSW_1S5
Switch node for 1.5 V rail.
32
VSW_1S5
Switch node for 1.5 V rail.
33
VIN_1S5
Power supply input for 1.5 V rail.
34
EN_1S05
Enable input for 1.05 V rail.
35
EN_1S5
Enable input for 1.5 V rail.
36
EN_VTT
Enable Input for VTT rail. High in S0 System States. See Chapter 7.1.4: S3
and S5 power management pins on page 22 section for details.
37
EN_1S8
Enable Input for 1.8 V (VDDQ) rail. High in S0-S3 System States.
See Chapter 7.1.4: S3 and S5 power management pins on page 22 section
for details.
38
AGND
Analog and Signal Ground.
39
SET_PH1
Switching Regulator Phase Control.
See Chapter 7.9: Phase management on page 30 section for details.
40
AGND
Analog and Signal Ground.
41
AVCC
Analog Circuitry Supply. Connect to +5 V by a simple RC filter.
42
VTTGND
LDO Linear Regulator Power Ground.
43
VTT
LDO Linear Regulator Output. DDR2-3 Termination Voltage. See
Chapter 7.1: Memory supply on page 20 and Chapter 7.1.2: VTT LDO and
VTTREF buffered reference on page 21 sections for details.
44
LDOIN
LDO Linear Regulator Input. Typically connected to the 1.8 V rail.
45
VTTREF
Reference Voltage Buffer Output. See Chapter 7.1: Memory supply on
page 20 and Chapter 7.1.2: VTT LDO and VTTREF buffered reference on
page 21 sections for details.
46
DSCG
Tracking/Non-tracking Discharge Selection for DDR2-3 Section. See
Chapter 7.7: Outputs Soft-End on page 29 section for details.
47
VTTFB
Feedback Input for VTT Linear Regulator Output.
48
VCC
+5 V Switching Circuitry Supply. Bypass to AGND by a 100 nF capacitor.
Table 2. Pin functions (continued)
Pin
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com