Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PM6641 Datasheet(PDF) 27 Page - STMicroelectronics

Part # PM6641
Description  Monolithic VR for chipset and DDR2/3 supply for ultra-mobile PC (UMPC) applications
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6641 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button PM6641 Datasheet HTML 23Page - STMicroelectronics PM6641 Datasheet HTML 24Page - STMicroelectronics PM6641 Datasheet HTML 25Page - STMicroelectronics PM6641 Datasheet HTML 26Page - STMicroelectronics PM6641 Datasheet HTML 27Page - STMicroelectronics PM6641 Datasheet HTML 28Page - STMicroelectronics PM6641 Datasheet HTML 29Page - STMicroelectronics PM6641 Datasheet HTML 30Page - STMicroelectronics PM6641 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 47 page
background image
PM6641
Device description
27/47
7.5
Output voltage divider
PM6641 switching regulators are adjustable voltage converters.
If the feedback pin (VFB_1S8, VFB_1S5, VFB_1S05 respectively belonging to
VDDQ (1.8 V), 1.5 V, 1.05 V rail) is directly tied to the rail output capacitor the internal divider
with pre-fixed output voltage value is activated and the nominal output voltages are
selected.
If the feedback pin is connected to the output voltage divider central tap (as depicted in
Figure 30
)
Figure 30. SW regulator with external divider
the PM6641 switching regulator automatically recognizes the external divider and the
output voltage is regulated to the following value:
Equation 5
Vout_1Sxx
VFB_1Sxx
R
1
R
2
V
8
.
0
1
R
R
Sxx
1
_
Vout
2
1
⋅
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com