Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PM6641 Datasheet(PDF) 20 Page - STMicroelectronics

Part # PM6641
Description  Monolithic VR for chipset and DDR2/3 supply for ultra-mobile PC (UMPC) applications
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6641 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button PM6641 Datasheet HTML 16Page - STMicroelectronics PM6641 Datasheet HTML 17Page - STMicroelectronics PM6641 Datasheet HTML 18Page - STMicroelectronics PM6641 Datasheet HTML 19Page - STMicroelectronics PM6641 Datasheet HTML 20Page - STMicroelectronics PM6641 Datasheet HTML 21Page - STMicroelectronics PM6641 Datasheet HTML 22Page - STMicroelectronics PM6641 Datasheet HTML 23Page - STMicroelectronics PM6641 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 47 page
background image
Device description
PM6641
20/47
7.1
Memory supply
The DDR2/3 section of PM6641 is based on the VDDQ rail, the VTT termination rail and the
VTTREF reference voltage buffer.
The VDDQ rail is provided by a step-down switching regulator whose output voltage, by
default, is set to 1.8 V, in order to be compliant with DDR2 JEDEC specs. The output voltage
can also be adjusted using an external resistor divider. This rail performs latched Output
Under-Voltage and Over-Voltage and auto-recovery Current Limit, without requiring external
sensing resistor.
The VTT termination rail is supplied by a Low Drop-Out (LDO) Linear Regulator, able to sink
and source up to 2 A peak current. This regulator follows the half of the VDDQ rail and is a
replica of the VTTREF reference voltage buffer. When LDOIN is directly supplied by VDDQ,
i.e. the PM6641 1S8 rail, VTT and VDDQ can perform the so called Tracking Discharge, in
compliance with the JEDEC specs, as described in the following section. If higher efficiency
is required, VTT can be supplied by a lower voltage rail. An output capacitor of at least 20 µF
is the only external component required.
The VTTREF reference voltage buffer is always in tracking with the half of VDDQ and is able
to sink and source up to 15mA with an accuracy of ±2 % relative to VDDQ half. A 10 nF up
to 100nF bypass capacitor for stability purposes is required.
7.1.1
VDDQ switching regulator
The VDDQ rail is provided by a constant frequency current-mode buck regulator, whose
frequency is set by inserting an external resistor between SET_SWF pin and AGND (see
Chapter 7.8: Switching frequency selection on page 29 section for details). The output
voltage can easily be set to 1.8 V by connecting the feedback pin VFB_1S8 directly to the
output rail, avoiding the use of external components. However, if a different output voltage is
desired, the VFB_1S8 pin must be connected to the central tap of a resistor divider.
The output voltage can be adjusted from 0.8V up to the input voltage value, decreased by a
drop due to the high-side MOSFET on resistance.
(see Chapter 7.5: Output voltage divider on page 27 section for details).
The control loop needs to be compensated by inserting a resistor-capacitor series
connected between the COMP_1S8 pin and ground; if electrolytic capacitor with relevant
equivalent series resistance (ESR) are used, an additional capacitor between the
COMP_1S8 pin and ground can be useful (see Chapter 7.3: SW regulators control loop on
page 24 section for details). The classical slope compensation is internally implemented
and no external components are required.
The internal High-Side PMOS and Low-Side NMOS allow the regulator to source an
average current of 2.8 A and a peak current of 5 A. The peak current limit protection is
performed by sensing the internal high side MOSFET current and can be decreased by
inserting an external resistor between CSNS pin and AGND (see Chapter 7.10: Peak
current limit on page 31 section for details).
This 1S8 rail is able to protect the load from Over-Voltage and Under-Voltage protection,
which avoid the output to be higher than 120 % or lower than 60 % of the nominal value (see
Chapter 7.11.1: Output over voltage on page 33 and Chapter 7.11.2: Output under voltage
on page 33 section for details).
When the EN_1S8 pin goes high the VDDQ rail is turned on and the output voltage soft-start
is performed by slowly charging the rail output capacitor; this behavior is achieved because



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com