Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PM6641 Datasheet(PDF) 18 Page - STMicroelectronics

Part # PM6641
Description  Monolithic VR for chipset and DDR2/3 supply for ultra-mobile PC (UMPC) applications
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6641 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button PM6641 Datasheet HTML 14Page - STMicroelectronics PM6641 Datasheet HTML 15Page - STMicroelectronics PM6641 Datasheet HTML 16Page - STMicroelectronics PM6641 Datasheet HTML 17Page - STMicroelectronics PM6641 Datasheet HTML 18Page - STMicroelectronics PM6641 Datasheet HTML 19Page - STMicroelectronics PM6641 Datasheet HTML 20Page - STMicroelectronics PM6641 Datasheet HTML 21Page - STMicroelectronics PM6641 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 47 page
background image
Block diagram
PM6641
18/47
6
Block diagram
Figure 27. Functional and block diagram
COMP_1S05
SGND_1S05
VFB_1S05
VOUT_1S8
SGND_1S5
R
R
EN
NTD
VREF = 0.8V
NTD
OSC
? 1
? 3
? 2
ASM
ASM
ASM
ANTI X
COND
ANTI X
COND
ANTI X
COND
ZERO
CROSS &
VALLEY
C.L.
ZERO
CROSS &
VALLEY
C.L.
ZERO
CROSS &
VALLEY
C.L.
SS CONTROL
SS
CONTROL
SS
CONTROL
+
_
+
_
0.9V
+
_
+
_
gm
gm
gm
OVP
UVP
OVP
UVP
OVP
UVP
+
_
PULSE
SKIP
PULSE
SKIP
PULSE
SKIP
UVLO
THERMAL PROTECTION
1.237V
+
_
+
_
+
_
+
_
+
_
+
_
VREF
VREF
VREF
VIMIN
VIMAX
VIMIN
VIMAX
VIMAX
VIMAX
VIMIN
VIMIN
VREF+10%
VREF-10%
VREF-10%
VREF+10%
VREF+10%
VREF-10%
HiZ
PG_1S05
SS_1S05
SW_1S05
VIN_1S05
SET_SWF
VTTGND
VTT
LDOIN
VTTFB
VTTREF
PG_1S8
VIN_1S8
VSW_1S8
SGND_1S8
COMP_1S8
VFB_1S8
SS_1S8
VIN_1S5
VSW_1S5
COMP_1S5
VFB_1S5
SS_1S5
PG_1S5
CSNS
DSCG
AVCC
VCC
EN HiZ
TD
NTD
CONTROL LOGIC
SET_PH1
0.9V
PEAK
CURR.
LIMIT
PEAK
CURR.
LIMIT
PEAK
CURR.
LIMIT
COMP_1S05
SGND_1S05
VFB_1S05
VOUT_1S8
SGND_1S5
R
R
EN
NTD
VREF = 0.8V
NTD
OSC
? 1
? 3
? 2
ASM
ASM
ASM
ANTI X
COND
ANTI X
COND
ANTI X
COND
ZERO
CROSS &
VALLEY
C.L.
ZERO
CROSS &
VALLEY
C.L.
ZERO
CROSS &
VALLEY
C.L.
SS CONTROL
SS
CONTROL
SS
CONTROL
+
_
+
_
0.9V
+
_
+
_
gm
gm
gm
OVP
UVP
OVP
UVP
OVP
UVP
+
_
PULSE
SKIP
PULSE
SKIP
PULSE
SKIP
UVLO
THERMAL PROTECTION
1.237V
+
_
+
_
+
_
+
_
+
_
+
_
VREF
VREF
VREF
VIMIN
VIMAX
VIMIN
VIMAX
VIMAX
VIMAX
VIMIN
VIMIN
VREF+10%
VREF-10%
VREF-10%
VREF+10%
VREF+10%
VREF-10%
HiZ
PG_1S05
SS_1S05
SW_1S05
VIN_1S05
SET_SWF
VTTGND
VTT
LDOIN
VTTFB
VTTREF
PG_1S8
VIN_1S8
VSW_1S8
SGND_1S8
COMP_1S8
VFB_1S8
SS_1S8
VIN_1S5
VSW_1S5
COMP_1S5
VFB_1S5
SS_1S5
PG_1S5
CSNS
DSCG
AVCC
VCC
EN HiZ
TD
NTD
CONTROL LOGIC
SET_PH1
0.9V
PEAK
CURR.
LIMIT
PEAK
CURR.
LIMIT
PEAK
CURR.
LIMIT
Table 7. Legend
TD
Tracking discharge enable
NTD
Non-tracking discharge enable
EN
VTTREF buffer enable
HiZ
LDO high impedance mode enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com