Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TL331KDBVT Datasheet(PDF) 5 Page - Texas Instruments

Part # TL331KDBVT
Description  TL331B, TL391B and TL331 Single Comparators
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL331KDBVT Datasheet(HTML) 5 Page - Texas Instruments

  TL331KDBVT Datasheet HTML 1Page - Texas Instruments TL331KDBVT Datasheet HTML 2Page - Texas Instruments TL331KDBVT Datasheet HTML 3Page - Texas Instruments TL331KDBVT Datasheet HTML 4Page - Texas Instruments TL331KDBVT Datasheet HTML 5Page - Texas Instruments TL331KDBVT Datasheet HTML 6Page - Texas Instruments TL331KDBVT Datasheet HTML 7Page - Texas Instruments TL331KDBVT Datasheet HTML 8Page - Texas Instruments TL331KDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
5.3 ESD Ratings - TL331B and TL391B
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged device model (CDM), per JEDEC specification JESD22-C101(2)
±750
(1)
JEDEC document JEP155 states that 500V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250V CDM allows safe manufacturing with a standard ESD control process.
5.4 ESD Ratings, TL331 and TL331K
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±1000
V
Charged device model (CDM), per JEDEC specification JESD22-C101(2)
±750
(1)
JEDEC document JEP155 states that 500V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250V CDM allows safe manufacturing with a standard ESD control process.
5.5 Recommended Operating Conditions, TL331B and TL391B
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage
2
36
V
TJ
Junction temperature
–40
125
°C
5.6 Recommended Operating Conditions, TL331 and TL331K
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage
2
36
V
TJ
Junction temperature, TL331
–40
85
°C
TJ
Junction temperature, TL331K
–40
105
°C
5.7 Thermal Information
THERMAL METRIC(1)
TL331x, TL391x
UNIT
DBV (SOT-23)
5 PINS
RθJA
Junction-to-ambient thermal resistance
211.7
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
133.6
°C/W
RθJB
Junction-to-board thermal resistance
79.9
°C/W
ψJT
Junction-to-top characterization parameter
56.4
°C/W
ψJB
Junction-to-board characterization parameter
79.6
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics report.
www.ti.com
TL331, TL331B, TL391B
SLVS238L – AUGUST 1999 – REVISED NOVEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: TL331 TL331B TL391B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com