Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TL331KDBVT Datasheet(PDF) 8 Page - Texas Instruments

Part # TL331KDBVT
Description  TL331B, TL391B and TL331 Single Comparators
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL331KDBVT Datasheet(HTML) 8 Page - Texas Instruments

Back Button TL331KDBVT Datasheet HTML 4Page - Texas Instruments TL331KDBVT Datasheet HTML 5Page - Texas Instruments TL331KDBVT Datasheet HTML 6Page - Texas Instruments TL331KDBVT Datasheet HTML 7Page - Texas Instruments TL331KDBVT Datasheet HTML 8Page - Texas Instruments TL331KDBVT Datasheet HTML 9Page - Texas Instruments TL331KDBVT Datasheet HTML 10Page - Texas Instruments TL331KDBVT Datasheet HTML 11Page - Texas Instruments TL331KDBVT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
5.12 Typical Characteristics
TA = 25°C, VS = 5V, RPULLUP = 5.1k, CL = 15pF, VCM = 0V, VUNDERDRIVE = 100mV, VOVERDRIVE = 100mV unless otherwise
noted.
Supply Voltage (V)
2
4
6
8 10 12 14 16 18 20 22 24 26 28 30 32 34 36
100
120
140
160
180
200
220
240
260
280
300
No Load, Output High
-40°C
0°C
25°C
85°C
125°C
Figure 5-1. Supply Current vs. Supply Voltage
Input Voltage (V)
-0.2
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
50
70
90
110
130
150
170
190
210
230
250
VS=3V
-40°C
0°C
25°C
85°C
125°C
Figure 5-2. Total Supply Current vs. Input Voltage at 3V
Input Voltage (V)
-0.5
0
0.5
1
1.5
2
2.5
3
3.5
4
50
70
90
110
130
150
170
190
210
230
250
VS=5V
-40°C
0°C
25°C
85°C
125°C
Figure 5-3. Total Supply Current vs. Input Voltage at 3.3V
Input Voltage (V)
-0.5
0
0.5
1
1.5
2
2.5
3
3.5
4
50
70
90
110
130
150
170
190
210
230
250
VS=5V
-40°C
0°C
25°C
85°C
125°C
Figure 5-4. Total Supply Current vs. Input Voltage at 5V
Input Voltage (V)
-1
0
1
2
3
4
5
6
7
8
9
10
11
50
70
90
110
130
150
170
190
210
230
250
VS=12V
-40°C
0°C
25°C
85°C
125°C
Figure 5-5. Total Supply Current vs. Input Voltage at 12V
Input Voltage (V)
-1
2
5
8
11
14
17
20
23
26
29
32
35
160
180
200
220
240
260
280
300
VS=36V
-40°C
0°C
25°C
85°C
125°C
Figure 5-6. Total Supply Current vs. Input Voltage at 36V
TL331, TL331B, TL391B
SLVS238L – AUGUST 1999 – REVISED NOVEMBER 2024
www.ti.com
8
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TL331 TL331B TL391B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com