Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TL331KDBVT Datasheet(PDF) 6 Page - Texas Instruments

Part # TL331KDBVT
Description  TL331B, TL391B and TL331 Single Comparators
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL331KDBVT Datasheet(HTML) 6 Page - Texas Instruments

Back Button TL331KDBVT Datasheet HTML 2Page - Texas Instruments TL331KDBVT Datasheet HTML 3Page - Texas Instruments TL331KDBVT Datasheet HTML 4Page - Texas Instruments TL331KDBVT Datasheet HTML 5Page - Texas Instruments TL331KDBVT Datasheet HTML 6Page - Texas Instruments TL331KDBVT Datasheet HTML 7Page - Texas Instruments TL331KDBVT Datasheet HTML 8Page - Texas Instruments TL331KDBVT Datasheet HTML 9Page - Texas Instruments TL331KDBVT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
5.8 Electrical Characteristics, TL331B and TL391B
VS = 5V, VCM = (V–) ; TA = 25°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
VS = 5 to 36V
–2.5
±0.37
2.5
mV
VS = 5 to 36V, TA = –40°C to +125°C
–4
4
IB
Input bias current
–3.5
–25
nA
TA = –40°C to +125°C
–50
nA
IOS
Input offset current
–10
±0.5
10
nA
TA = –40°C to +125°C
–25
25
nA
VCM
Input voltage range
VS = 3 to 36V
(V–) – 0.1
(V+) – 1.5
V
VS = 3 to 36V, TA = –40°C to +125°C
(V–) – 0.05
(V+) – 2.0
V
AVD
Large signal differential voltage
amplification
VS = 15V, VO = 1.4V to 11.4V;
RL ≥ 15k to (V+)
50
200
V/mV
VOL
Low level output Voltage {swing
from (V–)}
ISINK ≤ 4mA, VID = -1V
110
400
mV
ISINK ≤ 4mA, VID = -1V
TA = –40°C to +125°C
550
mV
IOH-LKG
High-level output leakage current
(V+) = VO = 5V; VID = 1V
0.1
20
nA
IOH-LKG
High-level output leakage current
(V+) = VO = 36V; VID = 1V; TA = –40°C to +125°C
1000
nA
IOL
Low level output current
VOL = 1.5V; VID = -1V; VS = 5V
6
18
mA
IQ
Quiescent current
VS = 5V, no load
210
330
µA
VS = 36V, no load, TA = –40°C to +125°C
275
430
µA
5.9 Switching Characteristics, TL331B and TL391B
VS = 5V, VO_PULLUP = 5V, VCM = VS/2, CL = 15pF, RL = 5.1k Ohm, TA = 25°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tresponse
Propagation delay time, high-to-low;
Small scale input signal (1)
Input overdrive = 5mV, Input step = 100mV
1000
ns
tresponse
Propagation delay time, high-to-low;
TTL input signal (1)
TTL input with Vref = 1.4V
300
ns
(1)
High-to-low and low-to-high refers to the transition at the input.
TL331, TL331B, TL391B
SLVS238L – AUGUST 1999 – REVISED NOVEMBER 2024
www.ti.com
6
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TL331 TL331B TL391B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com