Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TL331KDBVT Datasheet(PDF) 1 Page - Texas Instruments

Part # TL331KDBVT
Description  TL331B, TL391B and TL331 Single Comparators
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL331KDBVT Datasheet(HTML) 1 Page - Texas Instruments

  TL331KDBVT Datasheet HTML 1Page - Texas Instruments TL331KDBVT Datasheet HTML 2Page - Texas Instruments TL331KDBVT Datasheet HTML 3Page - Texas Instruments TL331KDBVT Datasheet HTML 4Page - Texas Instruments TL331KDBVT Datasheet HTML 5Page - Texas Instruments TL331KDBVT Datasheet HTML 6Page - Texas Instruments TL331KDBVT Datasheet HTML 7Page - Texas Instruments TL331KDBVT Datasheet HTML 8Page - Texas Instruments TL331KDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
TL331B, TL391B and TL331 Single Comparators
1 Features
• NEW TL331B and TL391B
• Improved specifications of B-version
– Maximum rating: up to 38V
– ESD rating (HBM): 2kV
– Improved reverse voltage performance
– Low input offset: 0.37mV
– Low input bias current: 3.5nA
– Low supply-current: 430µA
– Faster response time of 1µsec
– TL391B provides an alternate pinout
• TL331B is improved drop-in replacement for
TL331
• Common-mode input voltage range includes
ground
• Differential input voltage range equal to maximum-
rated supply voltage: ±38V
• Low output saturation voltage
• Output compatible with TTL, MOS, and CMOS
2 Applications
• Vacuum robot
• Single phase UPS
• Server PSU
• Cordless power tool
• Wireless infrastructure
• Appliances
• Building automation
• Factory automation & control
• Motor drives
• Infotainment & cluster
3 Description
The TL331B and TL391B devices are the next
generation versions of the industry-standard TL331
comparator. These next generation devices provide
outstanding value for cost-sensitive applications,
with features including lower offset voltage, higher
supply voltage capability, lower supply current,
lower input bias current, lower propagation delay,
wider temperature range and improved 2kV ESD
performance with drop-in replacement convenience.
The TL331B is a drop-in improved replacement for
both the TL331I and TL331K versions, while the
TL391B provides an alternate pinout of the TL331B
to replace competitive devices.
Operation from dual supplies also is possible as long
as the difference between the two supplies is within
2V to 36V, and VCC is at least 1.5V more positive
than the input common-mode voltage. Current drain
is independent of the supply voltage. The outputs
can be connected to other open-collector outputs to
achieve wired-AND relationships.
Device Information
PART NUMBER(1)
PACKAGE
BODY SIZE (NOM)
(2)
TL331,
TL331B,
TL391B
SOT-23 (5)
2.90mm × 1.60mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
Family Comparison Table
Specification
TL331B
TL391B
TL331I
TL331K
Units
Supply Voltage
2 to 36
2 to 36
2 to 36
V
Total Supply Current (5V to 36V maximum)
0.43
0.7
0.7
mA
Temperature Range
−40 to 125
-40 to 85
-40 to 105
°C
ESD (HBM)
2000
1000
1000
V
Offset Voltage (maximum over temp)
± 4
± 9
± 9
mV
Input Bias Current (typical / maximum)
3.5 / 25
25 / 250
25 / 250
nA
Response Time (typical)
1
1.3
1.3
µsec
TL331, TL331B, TL391B
SLVS238L – AUGUST 1999 – REVISED NOVEMBER 2024
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TL331KDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL331KDBVT TI1-TL331KDBVT Datasheet
802Kb / 18P
Single Differential Comparator
TL331KDBVT TI1-TL331KDBVT Datasheet
995Kb / 21P
TL331B, TL391B and TL331 Single Comparators
TL331KDBVT TI2-TL331KDBVT Datasheet
1Mb / 27P
TL331B, TL391B and TL331 Single Comparators
REVISED NOVEMBER 2024
TL331KDBVT.A TI2-TL331KDBVT.A Datasheet
1Mb / 27P
TL331B, TL391B and TL331 Single Comparators
REVISED NOVEMBER 2024
TL331KDBVT.B TI2-TL331KDBVT.B Datasheet
1Mb / 27P
TL331B, TL391B and TL331 Single Comparators
REVISED NOVEMBER 2024
More results

Similar Description - TL331KDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1391 TI-TLV1391 Datasheet
147Kb / 10P
SINGLE DIFFERENTIAL COMPARATORS
logo
ON Semiconductor
LM211 ONSEMI-LM211_05 Datasheet
121Kb / 10P
Single Comparators
July, 2005 ??Rev. 5
logo
Texas Instruments
TLV1391 TI-TLV1391_03 Datasheet
185Kb / 9P
SINGLE DIFFERENTIAL COMPARATORS
logo
Analog Devices
AD8611 AD-AD8611_15 Datasheet
414Kb / 20P
Single-Supply Comparators
REV. A
AD8612 AD-AD8612_15 Datasheet
414Kb / 20P
Single-Supply Comparators
REV. A
logo
Texas Instruments
TLV1391 TI1-TLV1391_15 Datasheet
764Kb / 13P
SINGLE DIFFERENTIAL COMPARATORS
logo
ON Semiconductor
LM211 ONSEMI-LM211_12 Datasheet
147Kb / 9P
Single Comparators
August, 2012 ??Rev. 6
logo
Texas Instruments
TL331 TI1-TL331_V01 Datasheet
995Kb / 21P
TL331B, TL391B and TL331 Single Comparators
TLV1391 TI-TLV1391_V01 Datasheet
897Kb / 14P
SINGLE DIFFERENTIAL COMPARATORS
TL331-Q1 TI-TL331-Q1_V01 Datasheet
1Mb / 27P
TL331B-Q1, TL391B-Q1 and TL331-Q1 Automotive Single Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com