Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PI3USB3031ZNEX Datasheet(PDF) 4 Page - Diodes Incorporated

Part # PI3USB3031ZNEX
Description  2-Channel, 1:3, USB 2.0 and MHL MUX/DeMUX
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI3USB3031ZNEX Datasheet(HTML) 4 Page - Diodes Incorporated

  PI3USB3031ZNEX Datasheet HTML 1Page - Diodes Incorporated PI3USB3031ZNEX Datasheet HTML 2Page - Diodes Incorporated PI3USB3031ZNEX Datasheet HTML 3Page - Diodes Incorporated PI3USB3031ZNEX Datasheet HTML 4Page - Diodes Incorporated PI3USB3031ZNEX Datasheet HTML 5Page - Diodes Incorporated PI3USB3031ZNEX Datasheet HTML 6Page - Diodes Incorporated PI3USB3031ZNEX Datasheet HTML 7Page - Diodes Incorporated PI3USB3031ZNEX Datasheet HTML 8Page - Diodes Incorporated PI3USB3031ZNEX Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
PI3USB3031
A Product Line of
Diodes Incorporated
January 2024
© 2024 Copyright Diodes Incorporated. All Rights Reserved.
PI3USB3031
Document Number DS45428 Rev 3-2
www.diodes.com
Symbol
Parameter
Test Conditions
TA
Min. Typ. Max. Units
USB SWITCH (USB1 & USB2)
RON
On-Resistance
VCC = 2.5V, VI/O = 0.4V, ION =
-8mA, Test Circuit 1
25°C
4.5
6
Ω
ΔRON
On-resistance matching be-
tween channels
VCC = 2.5V, VI/O = 0.4V, ION =
-8mA
25°C
0.1
Ω
RONF
On-Resistance Flatness
VCC = 2.5V, VI/O = 0V to 0.4V,
ION = -8mA
25°C
1
Ω
IOZ
Off Leakage Current
VCC = 4.3V, Switch OFF.
VUSB+/ USB- = 0V to 0.4V;
VD+/D- = 0V
25°C
−2
2
μA
ION
ON Leakage Current
VCC = 4.3V, Switch ON.
VUSBHL+/ USB- = 0V to 0.4V;
VD+/D- = NC
25°C
−2
2
μA
IOFF
Power Off leakage Current
VCC = 0V, Power ON or OFF.
VUSBHL+/ USB- = 0V to 0.4V;
VD+/D- = NC
25°C
−10
10
μA
Select INPUTS (SEL0, SEL1)
VIH
Input Logic High
VCC = 2.5V to 4.3V
25°C
1.3
V
VIL
Input Logic Low
VCC = 2.5V to 4.3V
25°C
0
0.6
V
IIN
Input Leakage Current
VCC = 2.5V, VI/O = 0V to 0.4V,
ION = -8mA
25°C
−10
10
μA
+3.3V Supply (VCC = 3.3V ±10%)
Symbol
Parameter
Test Conditions
TA
Min. Typ. Max. Units
tpd
Propagation delay Time
RL = 50Ω, CL = 5pF, VCC =
2.5V to 4.3V, VI/O(USB) = 0.4V,
VI/O(MHL) = 3.3V
25°C
50
ps
tswitch
Switching time between USB/
MHL channels in active
modes
RL = 50Ω, CL = 5pF, VCC =
2.5V to 4.3V, VI/O(USB) = 0.4V,
VI/O(MHL) = 3.3V
25°C
400
ns
tON
Turn-On Time
RL = 50Ω, CL = 5pF, VCC =
2.5V to 4.3V, VI/O(USB) = 0.4V,
VI/O(MHL) = 3.3V
25°C
100
μs
tOFF
Turn-Off Time
RL = 50Ω, CL = 5pF, VCC =
2.5V to 4.3V, VI/O(USB) = 0.4V,
VI/O(MHL) = 3.3V
25°C
100
μs
CON(MHL)
MHL Channels On Capaci-
tance
VCC = 3.3V, VI/O = 0V or 3.3V,
f = 240MHz, Switch ON
25°C
1.3
pF
CON(USB)
USB Channel On Capacitance VCC = 3.3V, VI/O = 0V or 3.3V,
f = 240MHz, Switch ON
25°C
1
pF
Dynamic Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com