Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PI3USB3031ZNEX Datasheet(PDF) 9 Page - Diodes Incorporated

Part # PI3USB3031ZNEX
Description  2-Channel, 1:3, USB 2.0 and MHL MUX/DeMUX
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI3USB3031ZNEX Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button PI3USB3031ZNEX Datasheet HTML 2Page - Diodes Incorporated PI3USB3031ZNEX Datasheet HTML 3Page - Diodes Incorporated PI3USB3031ZNEX Datasheet HTML 4Page - Diodes Incorporated PI3USB3031ZNEX Datasheet HTML 5Page - Diodes Incorporated PI3USB3031ZNEX Datasheet HTML 6Page - Diodes Incorporated PI3USB3031ZNEX Datasheet HTML 7Page - Diodes Incorporated PI3USB3031ZNEX Datasheet HTML 8Page - Diodes Incorporated PI3USB3031ZNEX Datasheet HTML 9Page - Diodes Incorporated PI3USB3031ZNEX Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
PI3USB3031
A Product Line of
Diodes Incorporated
January 2024
© 2024 Copyright Diodes Incorporated. All Rights Reserved.
PI3USB3031
Document Number DS45428 Rev 3-2
www.diodes.com
12-X2QFN (XUA)
Ordering Code
Package Code
Package Description
PI3USB3031ZNEX
ZN
12-Pin, W-QFN1818-12 (WQFN)
PI3USB3031XUAEX
XUA
12-Pin, X2-QFN1616-12 (X2QFN)
For latest package info.
please check: http://www.diodes.com/design/support/packaging/pericom-packaging/packaging-mechanicals-and-thermal-characteristics/
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-free/ for more information about Diodes Incorporated’s definitions of Halogen- andAntimony-free, "Green" and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and <1000ppm
antimony compounds.
4. E = Pb-free and Green
5. X suffix = Tape/Reel
Ordering Information



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com