Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PI3USB3031ZNEX Datasheet(PDF) 3 Page - Diodes Incorporated

Part # PI3USB3031ZNEX
Description  2-Channel, 1:3, USB 2.0 and MHL MUX/DeMUX
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI3USB3031ZNEX Datasheet(HTML) 3 Page - Diodes Incorporated

  PI3USB3031ZNEX Datasheet HTML 1Page - Diodes Incorporated PI3USB3031ZNEX Datasheet HTML 2Page - Diodes Incorporated PI3USB3031ZNEX Datasheet HTML 3Page - Diodes Incorporated PI3USB3031ZNEX Datasheet HTML 4Page - Diodes Incorporated PI3USB3031ZNEX Datasheet HTML 5Page - Diodes Incorporated PI3USB3031ZNEX Datasheet HTML 6Page - Diodes Incorporated PI3USB3031ZNEX Datasheet HTML 7Page - Diodes Incorporated PI3USB3031ZNEX Datasheet HTML 8Page - Diodes Incorporated PI3USB3031ZNEX Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
PI3USB3031
A Product Line of
Diodes Incorporated
January 2024
© 2024 Copyright Diodes Incorporated. All Rights Reserved.
PI3USB3031
Document Number DS45428 Rev 3-2
www.diodes.com
Storage Temperature ..........................................................–65°C to +150°C
Ambient Temperature with Power Applied.....................–40°C to +125°C
Supply Voltage VCC................................................................–0.3V to +6.0V
DC Input Voltage for Control (SEL0 & SEL1)....................–0.3V to +6.0V
DC Input Voltage for Switch I/O (Dx/USBx/MHLx)........–0.3V to +5.0V
Continuous DC Output Current (USB & MHL) ............................ ±15mA
ESD (HBM)..............................................................................................±2kV
ESD (CDM)..............................................................................................±1kV
Note:
Stresses greater than those listed under MAXIMUM RATINGS
may cause permanent damage to the device. This is a stress rat-
ing only and functional operation of the device at these or any
other conditions above those indicated in the operational sec-
tions of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
reliability.
(Above which useful life may be impaired. For user guidelines, not tested.)
Symbol
Parameter
Min.
Typ.
Max.
Units
VCC
Operating Voltage
1.8
3.3
5.5
V
VI/O (USB)
VI/O (MHL)
Analog Voltage
0
3.6
V
VSEL
Select Input Voltage (SEL0, SEL1)
0
VCC
V
TA
Operating Temperature
−40
25
85
oC
+3.3V Supply (VCC = 3.3V ±10%)
Symbol
Parameter
Test Conditions
TA
Min. Typ. Max. Units
MHL SWITCH
RON
On-Resistance
VCC = 2.5V, VI/O = 1.5V, ION =
-8mA, Test Circuit 1
25°C
5.5
7
Ω
ΔRON
On-resistance matching be-
tween channels
VCC = 2.5V, VI/O = 1.5V, ION =
-8mA
25°C
0.1
Ω
RONF
On-Resistance Flatness
VCC = 2.5V, VI/O = 1.5V to
3.3V, ION = -8mA
25°C
1
Ω
IOZ
Off Leakage Current
VCC = 4.3V, Switch OFF.
VMHL+/MHL- = 1.5V to 3.3V;
VD+/D- = 0V
25°C
−2
2
μA
ION
ON Leakage Current
VCC = 4.3V, Power OFF.
VMHL+/MHL- = 1.5V to 3.3V;
VD+/D- = NC
−40°C to 85°C
−2
2
μA
IOFF
Power Off leakage Current
VCC = 0V, Power OFF. VMHL+/
MHL- = 1.5V to 3.3V; VD+/D- =
NC
−40°C to 85°C
−10
10
μA
Maximum Ratings
Recommended Operating Conditions
DC Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com