Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PI3USB3031ZNEX Datasheet(PDF) 5 Page - Diodes Incorporated

Part # PI3USB3031ZNEX
Description  2-Channel, 1:3, USB 2.0 and MHL MUX/DeMUX
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI3USB3031ZNEX Datasheet(HTML) 5 Page - Diodes Incorporated

  PI3USB3031ZNEX Datasheet HTML 1Page - Diodes Incorporated PI3USB3031ZNEX Datasheet HTML 2Page - Diodes Incorporated PI3USB3031ZNEX Datasheet HTML 3Page - Diodes Incorporated PI3USB3031ZNEX Datasheet HTML 4Page - Diodes Incorporated PI3USB3031ZNEX Datasheet HTML 5Page - Diodes Incorporated PI3USB3031ZNEX Datasheet HTML 6Page - Diodes Incorporated PI3USB3031ZNEX Datasheet HTML 7Page - Diodes Incorporated PI3USB3031ZNEX Datasheet HTML 8Page - Diodes Incorporated PI3USB3031ZNEX Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
PI3USB3031
A Product Line of
Diodes Incorporated
January 2024
© 2024 Copyright Diodes Incorporated. All Rights Reserved.
PI3USB3031
Document Number DS45428 Rev 3-2
www.diodes.com
Symbol
Parameter
Test Conditions
TA
Min. Typ. Max. Units
COFF(MHL)
MHL Channels Off Capaci-
tance
VCC = 3.3V, VI/O = 0V or 3.3V,
f = 240MHz, Switch OFF
25°C
1.3
pF
COFF(USB)
USB Channel Off Capacitance VCC = 3.3V, VI/O = 0V or 3.3V,
f = 240 MHz, Switch OFF
25°C
1
pF
CI
Digital Input Capacitance
VCC = 3.3V, VI/O = 0V or 2V
25°C
2.2
pF
OISO(MHL)
MHL path Off Isolations
VS = –10dBm, VDC_BIAS =
2.4V, RT = 50Ω, f = 240MHz,
Switch OFF
25°C
−38
dB
OISO(USB)
USB path Off Isolations
VS = –10dBm, VDC_BIAS =
0.2V, RT = 50Ω, f = 240MHz,
Switch OFF
25°C
−38
dB
XTALK(MHL)
MHL Channel Crosstalk
VS = –10dBm, VDC_BIAS =
2.4V, RT = 50Ω, f = 240MHz,
Switch ON
25°C
−65
dB
XTALK(USB)
USB Channel Crosstalk
VS = –10dBm, VDC_BIAS =
0.2V, RT = 50Ω, f = 240MHz,
Switch ON
25°C
−45
dB
f3dB(MHL)
-3dB Bandwidth
VCC = 2.5V to 4.3V, RL = 50Ω,
Switch ON
25°C
6.5
GHz
f3dB(USB)
-3dB Bandwidth
VCC = 2.5V to 4.3V, RL = 50Ω,
Switch ON
25°C
6.5
GHz
SUPPLY
ICC
Power Supply Current
VCC = 4.3V, VIN = VCC or
GND, VI/O = 0V, Switch ON or
OFF
25°C
28
40
μA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com