Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TS4994 Datasheet(PDF) 15 Page - STMicroelectronics

Part # TS4994
Description  1W differential input/output audio power amplifier with selectable standby
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4994 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TS4994 Datasheet HTML 11Page - STMicroelectronics TS4994 Datasheet HTML 12Page - STMicroelectronics TS4994 Datasheet HTML 13Page - STMicroelectronics TS4994 Datasheet HTML 14Page - STMicroelectronics TS4994 Datasheet HTML 15Page - STMicroelectronics TS4994 Datasheet HTML 16Page - STMicroelectronics TS4994 Datasheet HTML 17Page - STMicroelectronics TS4994 Datasheet HTML 18Page - STMicroelectronics TS4994 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 35 page
background image
TS4994
Electrical characteristics
15/35
Figure 39.
CMRR vs. frequency
Figure 40.
CMRR vs. common mode input
voltage
100
1000
10000
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
Cb=1
μF
Cb=0.47
μF
Cb=0.1
μF
Cb=0
20k
20
Vcc = 2.6V
Vic = 200mVpp
Av = 2.5, Cin = 470
μF
RL
≥ 8Ω
Tamb = 25
°C
Frequency (Hz)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
-100
-80
-60
-40
-20
0
Vcc=3.3V
Vcc=2.5V
Vcc=5V
Vic = 200mVpp
F = 217Hz
Av = 1, Cb = 1
μF
RL
≥ 8Ω
Tamb = 25
°C
Common Mode Input Voltage (V)
Figure 41.
CMRR vs. common mode input
voltage
Figure 42.
THD+N vs. output power
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
-100
-80
-60
-40
-20
0
Vcc=3.3V
Vcc=2.5V
Vcc=5V
Vic = 200mVpp
F = 217Hz
Av = 1, Cb = 0
RL
≥ 8Ω
Tamb = 25
°C
Common Mode Input Voltage (V)
1E-3
0.01
0.1
1
1E-3
0.01
0.1
1
10
Vcc=5V
Vcc=3.3V
Vcc=2.6V
RL = 8
Ω
F = 20Hz
Av = 1
Cb = 1
μF
BW < 125kHz
Tamb = 25
°C
Output Power (W)
Figure 43.
THD+N vs. output power
Figure 44.
THD+N vs. output power
1E-3
0.01
0.1
1
1E-3
0.01
0.1
1
10
Vcc=5V
Vcc=3.3V
Vcc=2.6V
RL = 8
Ω
F = 20Hz
Av = 2.5
Cb = 1
μF
BW < 125kHz
Tamb = 25
°C
Output Power (W)
1E-3
0.01
0.1
1
0.01
0.1
1
10
Vcc=5V
Vcc=3.3V
Vcc=2.6V
RL = 8
Ω
F = 20Hz
Av = 7.5
Cb = 1
μF
BW < 125kHz
Tamb = 25
°C
Output Power (W)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com