Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TS4994 Datasheet(PDF) 28 Page - STMicroelectronics

Part # TS4994
Description  1W differential input/output audio power amplifier with selectable standby
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4994 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button TS4994 Datasheet HTML 24Page - STMicroelectronics TS4994 Datasheet HTML 25Page - STMicroelectronics TS4994 Datasheet HTML 26Page - STMicroelectronics TS4994 Datasheet HTML 27Page - STMicroelectronics TS4994 Datasheet HTML 28Page - STMicroelectronics TS4994 Datasheet HTML 29Page - STMicroelectronics TS4994 Datasheet HTML 30Page - STMicroelectronics TS4994 Datasheet HTML 31Page - STMicroelectronics TS4994 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 35 page
background image
Application information
TS4994
28/35
To calculate the maximum ambient temperature Tamb allowable, you need to know:
The value of the power supply voltage, VCC
The value of the load resistor, RL
The Rthja value for the package type
Example: VCC =5V, RL =8Ω, Rthja = 80°C/W
Using the power dissipation formula given above in Equation 3 this gives a result of:
Pdissmax = 633mW
Tamb is calculated as follows:
Equation 5
Therefore, the maximum allowable value for Tamb is:
Tamb = 125-80x0.633=74°C
4.8
Decoupling of the circuit
Two capacitors are needed to correctly bypass the TS4994. A power supply bypass
capacitor Cs and a bias voltage bypass capacitor Cb.
Cs has particular influence on the THD+N in the high frequency region (above 7kHz) and an
indirect influence on power supply disturbances. With a value for Cs of 1µF, you can expect
similar THD+N performance to that shown in the datasheet.
In the high frequency region, if Cs is lower than 1µF, it increases THD+N, and disturbances
on the power supply rail are less filtered.
On the other hand, if Cs is higher than 1µF, the disturbances on the power supply rail are
more filtered.
Cb has an influence on THD+N at lower frequencies, but its function is critical to the final
result of PSRR (with input grounded and in the lower frequency region).
4.9
Wake-up time: tWU
When the standby is released to put the device ON, the bypass capacitor Cb is not charged
immediately. As Cb is directly linked to the bias of the amplifier, the bias will not work
properly until the Cb voltage is correct. The time to reach this voltage is called the wake-up
time or tWU and is specified in Table 3 on page 6, with Cb=1µF. During the wake-up time, the
TS4994 gain is close to zero. After the wake-up time, the gain is released and set to its
nominal value.
If Cb has a value other than 1µF, refer to the graph in Figure 69 on page 20 to establish the
wake-up time.
T
amb
125
° CR
TJHA
P
dissmax
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com