Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TS4994 Datasheet(PDF) 26 Page - STMicroelectronics

Part # TS4994
Description  1W differential input/output audio power amplifier with selectable standby
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4994 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button TS4994 Datasheet HTML 22Page - STMicroelectronics TS4994 Datasheet HTML 23Page - STMicroelectronics TS4994 Datasheet HTML 24Page - STMicroelectronics TS4994 Datasheet HTML 25Page - STMicroelectronics TS4994 Datasheet HTML 26Page - STMicroelectronics TS4994 Datasheet HTML 27Page - STMicroelectronics TS4994 Datasheet HTML 28Page - STMicroelectronics TS4994 Datasheet HTML 29Page - STMicroelectronics TS4994 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 35 page
background image
Application information
TS4994
26/35
Figure 77 and Figure 78 show CMRR versus frequency for a typical application with a
random selection of four
ΔR/R values with a 0.1% tolerance.
4.7
Power dissipation and efficiency
Assumptions:
●
Load voltage and current are sinusoidal (Vout and Iout)
●
Supply voltage is a pure DC source (VCC)
The output voltage is:
and
Figure 75.
CMR vs. frequency (worst case
conditions)
Figure 76.
CMR vs. frequency (worst case
conditions)
100
1000
10000
-60
-50
-40
-30
-20
-10
0
Cb=1
μF
Cb=0
20k
20
Vcc = 5V
Vic = 200mVpp
Av = 1, Cin = 470
μF
ΔR/R = 0.1%, RL ≥ 8Ω
Tamb = 25
°C
Frequency (Hz)
100
1000
10000
-60
-50
-40
-30
-20
-10
0
Cb=1
μF
Cb=0
20k
20
Vcc = 2.5V
Vic = 200mVpp
Av = 1, Cin = 470
μF
ΔR/R = 0.1%, RL ≥ 8Ω
Tamb = 25
°C
Frequency (Hz)
Figure 77.
CMR vs. frequency with random
choice condition
Figure 78.
CMR vs. frequency with random
choice condition
100
1000
10000
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
Cb=1
μF
Cb=0
20k
20
Vcc = 5V
Vic = 200mVpp
Av = 1, Cin = 470
μF
ΔR/R ≤ 0.1%, RL ≥ 8Ω
Tamb = 25
°C
Frequency (Hz)
100
1000
10000
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
Cb=1
μF
Cb=0
20k
20
Vcc = 2.5V
Vic = 200mVpp
Av = 1, Cin = 470
μF
ΔR/R ≤ 0.1%, RL ≥ 8Ω
Tamb = 25
°C
Frequency (Hz)
V
out = Vpeak sinωt (V)
I
out =
V
out
R
L
------------- (A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com