Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TS4994 Datasheet(PDF) 22 Page - STMicroelectronics

Part # TS4994
Description  1W differential input/output audio power amplifier with selectable standby
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4994 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button TS4994 Datasheet HTML 18Page - STMicroelectronics TS4994 Datasheet HTML 19Page - STMicroelectronics TS4994 Datasheet HTML 20Page - STMicroelectronics TS4994 Datasheet HTML 21Page - STMicroelectronics TS4994 Datasheet HTML 22Page - STMicroelectronics TS4994 Datasheet HTML 23Page - STMicroelectronics TS4994 Datasheet HTML 24Page - STMicroelectronics TS4994 Datasheet HTML 25Page - STMicroelectronics TS4994 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
Application information
TS4994
22/35
the values of VCC, Rin and Rfeed (AV). To have a good estimation of the VICM value, use the
following formula:
with
The result of the calculation must be in the range:
If the result of the VICM calculation is not in this range, an input coupling capacitor must be
used.
Example: With VCC=2.5V, Rin =Rfeed = 20k and Vic = 2V, we find VICM = 1.63V. This is
higher than 2.5V - 0.9V = 1.6V, so input coupling capacitors are required. Alternatively, you
can change the Vic value.
4.4
Low and high frequency response
In the low frequency region, Cin starts to have an effect. Cin forms, with Rin, a high-pass filter
with a -3dB cut-off frequency. FCL is in Hz.
In the high-frequency region, you can limit the bandwidth by adding a capacitor (Cfeed) in
parallel with Rfeed. It forms a low-pass filter with a -3dB cut-off frequency. FCH is in Hz.
While these bandwidth limitations are in theory attractive, in practice, because of low
performance in terms of capacitor precision (and by consequence in terms of mismatching),
they deteriorate the values of PSRR and CMRR.
The influence of mismatching on PSRR and CMRR performance is discussed in more detail
in the following sections.
Example: A typical application with input coupling and feedback capacitor with FCL =50Hz
and FCH = 8kHz. We assume that the mismatching between Rin1,2 and Cfeed1,2 can be
neglected. If we sweep the frequency from DC to 20kHz we observe the following with
respect to the PSRR value:
●
From DC to 200Hz, the Cin impedance decreases from infinite to a finite value and the
Cfeed impedance is high enough to be neglected. Due to the tolerance of Cin1,2, we
V
ICM
V
CC
R
in
×
2V
ic
R
feed
×
×
+
2R
in
R
feed
+
()
×
--------------------------------------------------------------------------
(V)
=
V
ic
Diff
input+
Diff
input-
+
2
-------------------------------------------------------
(V)
=
0.6V V
ICM
V
CC
0.9V
–
≤≤
)
Hz
(
C
R
2
1
F
in
in
CL
×
×
π
×
=
)
Hz
(
C
R
2
1
F
feed
feed
CH
×
×
π
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com