Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L9848 Datasheet(PDF) 9 Page - STMicroelectronics

Part # L9848
Description  Octal configurable low/high side driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9848 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L9848 Datasheet HTML 5Page - STMicroelectronics L9848 Datasheet HTML 6Page - STMicroelectronics L9848 Datasheet HTML 7Page - STMicroelectronics L9848 Datasheet HTML 8Page - STMicroelectronics L9848 Datasheet HTML 9Page - STMicroelectronics L9848 Datasheet HTML 10Page - STMicroelectronics L9848 Datasheet HTML 11Page - STMicroelectronics L9848 Datasheet HTML 12Page - STMicroelectronics L9848 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
L9848
Electrical specifications
9/27
2.3
Thermal data
2.4
Electrical characteristcs
2.4.1
DC characteristics
Table 5.
Thermal data
Symbol
Parameter
Value
Unit
Tst
Storage temperature
-65 to 150
°C
Rth(j-a)
Thermal resistance junction to ambient
max. 70
°C/W
Rth(j-a)
Thermal resistance junction to ambient(1)
1.
With 6cm2 on board heatsink area.
max. 50
°C/W
Table 6.
Electrical characteristcs
(Tj = -40°C to 150°C, VDD = 4.75 Vdc to 5.25 Vdc, VBatt=9 V to 18 V, unless otherwise
specified)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VIN5,6(ih)
VIN5,6(il)
IN5, 6 input voltage
0.8
2.0
V
V
IIN5,6(il)
IIN5,6(ih)
IN5, 6 input current
VIN5,6 = 0Vdc
VIN5,6 = VDD
30
|10|
100
µA
µA
VCS(ih)
VCS(il)
CS input voltage
0.8
2.0
V
V
ICS(il)
ICS(ih)
CS input current
VCS = 0Vdc
VCS = VDD
30
|10|
100
µA
µA
VSCLK(ih)
VSCLK(il)
SCLK input voltage
0.8
2.0
V
V
ISCLK(il)
ISCLK(ih)
SCLK input current
VSCLK = 0Vdc
VSCLK = VDD
|10|
|10|
µA
µA
VDI(ih)
VDI(il)
DI input voltage
0.8
2.0
V
V
IDI((il)
IDI((ih)
DI input current
VDI = 0Vdc
VDI = VDD
|10|
|10|
µA
µA
IVDD
VDD current
All outputs ON
4.5
6
mA
IVDD
VDD current
All outputs OFF
0.5
2.0
5.0
mA
VDO(ol)
VDO(oh)
DO output voltage
IDO = 1.6 mA
IDO = -200 µA
VDD-0.8
0.4
V
V
IDO(zol)
IDO(zoh)
DO tri-state current
VDO = 0Vdc
VDO = VDD
|10|
|10|
µA
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com