Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TMS320F2811PBKA Datasheet(PDF) 14 Page - Texas Instruments

Part # TMS320F2811PBKA
Description  TMS320F281x Digital Signal Processors
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMS320F2811PBKA Datasheet(HTML) 14 Page - Texas Instruments

Back Button TMS320F2811PBKA Datasheet HTML 10Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 11Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 12Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 13Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 14Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 15Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 16Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 17Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 174 page
background image
Table 7-1. Signal Descriptions (continued)
NAME
PIN NO. (1)
I/O/Z(2)
PU/PD(3)
DESCRIPTION
179-BALL
GHH/ZHH
176-PIN
PGF
128-PIN
PBK
EMU1
C9
146
105
I/O/Z
PU
Emulator pin 1. When TRST is driven high, this
pin is used as an interrupt to or from the
emulator system and is defined as input/output
through the JTAG scan. This pin is also used to
put the device into boundary-scan mode. With
the EMU0 pin at a logic-high state and the
EMU1 pin at a logic-low state, a rising edge on
the TRST pin would latch the device into
boundary-scan mode. NOTE: An external
pullup resistor is recommended on this pin. The
value of this resistor should be based on the
drive strength of the debugger pods applicable
to the design. A 2.2-kΩ to 4.7-kΩ resistor is
generally adequate. Since this is application-
specific, it is recommended that each target
board be validated for proper operation of the
debugger and the application.
ADC ANALOG INPUT SIGNALS
ADCINA7
B5
167
119
I
–
8-channel analog inputs for
Sample-and-Hold A. The ADC pins should not
be driven before the VDDA1, VDDA2, and VDDAIO
pins have been fully powered up.
ADCINA6
D5
168
120
I
–
ADCINA5
E5
169
121
I
–
ADCINA4
A4
170
122
I
–
ADCINA3
B4
171
123
I
–
ADCINA2
C4
172
124
I
–
ADCINA1
D4
173
125
I
–
ADCINA0
A3
174
126
I
–
ADCINB7
F5
9
9
I
–
8-channel analog inputs for
Sample-and-Hold B. The ADC pins should not
be driven before the VDDA1, VDDA2, and VDDAIO
pins have been fully powered up.
ADCINB6
D1
8
8
I
–
ADCINB5
D2
7
7
I
–
ADCINB4
D3
6
6
I
–
ADCINB3
C1
5
5
I
–
ADCINB2
B1
4
4
I
–
ADCINB1
C3
3
3
I
–
ADCINB0
C2
2
2
I
–
ADCREFP
E2
11
11
I/O
–
ADC Voltage Reference Output (2 V). Requires
a low ESR (under 1.5 Ω) ceramic bypass
capacitor of 10 µF to analog ground.
[Can accept external reference input (2 V) if the
software bit is enabled for this mode. 1–10 µF
low ESR capacitor can be used in the external
reference mode.]
NOTE: Use the ADC Clock rate to derive the
ESR specification from the capacitor data sheet
that is used in the system.
ADCREFM
E4
10
10
I/O
–
ADC Voltage Reference Output (1 V). Requires
a low ESR (under 1.5 Ω) ceramic bypass
capacitor of 10 µF to analog ground.
[Can accept external reference input (1 V) if the
software bit is enabled for this mode. 1–10 µF
low ESR capacitor can be used in the external
reference mode.]
NOTE: Use the ADC Clock rate to derive the
ESR specification from the capacitor data sheet
that is used in the system.
TMS320F2810, TMS320F2810-Q1, TMS320F2811, TMS320F2811-Q1
TMS320F2812, TMS320F2812-Q1
SPRS174V – APRIL 2001 – REVISED FEBRUARY 2021
www.ti.com
14
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMS320F2810 TMS320F2810-Q1 TMS320F2811 TMS320F2811-Q1 TMS320F2812
TMS320F2812-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com