Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TMS320F2811PBKA Datasheet(PDF) 11 Page - Texas Instruments

Part # TMS320F2811PBKA
Description  TMS320F281x Digital Signal Processors
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMS320F2811PBKA Datasheet(HTML) 11 Page - Texas Instruments

Back Button TMS320F2811PBKA Datasheet HTML 7Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 8Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 9Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 10Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 11Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 12Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 13Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 14Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 174 page
background image
Table 7-1. Signal Descriptions (continued)
NAME
PIN NO. (1)
I/O/Z(2)
PU/PD(3)
DESCRIPTION
179-BALL
GHH/ZHH
176-PIN
PGF
128-PIN
PBK
XMP/ MC
F1
17
–
I
PD
Microprocessor/Microcomputer Mode Select.
Switches between microprocessor and
microcomputer mode. When high, Zone 7 is
enabled on the external interface. When low,
Zone 7 is disabled from the external interface,
and on-chip boot ROM may be accessed
instead. This signal is latched into the
XINTCNF2 register on a reset and the user can
modify this bit in software. The state of the
XMP/ MC pin is ignored after reset.
XHOLD
E7
159
–
I
PU
External Hold Request. XHOLD, when active
(low), requests the XINTF to release the
external bus and place all buses and strobes
into a high-impedance state. The XINTF will
release the bus when any current access is
complete and there are no pending accesses
on the XINTF.
XHOLDA
K10
82
–
O/Z
–
External Hold Acknowledge. XHOLDA is driven
active (low) when the XINTF has granted a
XHOLD request. All XINTF buses and strobe
signals will be in a high-impedance state.
XHOLDA is released when the XHOLD signal
is released. External devices should only drive
the external bus when XHOLDA is active (low).
XZCS0AND1
P1
44
–
O/Z
–
XINTF Zone 0 and Zone 1 Chip Select.
XZCS0AND1 is active (low) when an access to
the XINTF Zone 0 or Zone 1 is performed.
XZCS2
P13
88
–
O/Z
–
XINTF Zone 2 Chip Select. XZCS2 is active
(low) when an access to the XINTF Zone 2 is
performed.
XZCS6AND7
B13
133
–
O/Z
–
XINTF Zone 6 and Zone 7 Chip Select.
XZCS6AND7 is active (low) when an access to
the XINTF Zone 6 or Zone 7 is performed.
XWE
N11
84
–
O/Z
–
Write Enable. Active-low write strobe. The write
strobe waveform is specified, per zone basis,
by the Lead, Active, and Trail periods in the
XTIMINGx registers.
XRD
M3
42
–
O/Z
–
Read Enable. Active-low read strobe. The read
strobe waveform is specified, per zone basis,
by the Lead, Active, and Trail periods in the
XTIMINGx registers. NOTE: The XRD and
XWE signals are mutually exclusive.
XR/ W
N4
51
–
O/Z
–
Read Not Write Strobe. Normally held high.
When low, XR/ W indicates write cycle is active;
when high, XR/ W indicates read cycle is
active.
XREADY
B6
161
–
I
PU
Ready Signal. Indicates peripheral is ready to
complete the access when asserted to 1.
XREADY can be configured to be a
synchronous or an asynchronous input. See
the timing diagrams for more details.
www.ti.com
TMS320F2810, TMS320F2810-Q1, TMS320F2811, TMS320F2811-Q1
TMS320F2812, TMS320F2812-Q1
SPRS174V – APRIL 2001 – REVISED FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: TMS320F2810 TMS320F2810-Q1 TMS320F2811 TMS320F2811-Q1 TMS320F2812
TMS320F2812-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com