Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TMS320F2811PBKA Datasheet(PDF) 87 Page - Texas Instruments

Part # TMS320F2811PBKA
Description  TMS320F281x Digital Signal Processors
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMS320F2811PBKA Datasheet(HTML) 87 Page - Texas Instruments

Back Button TMS320F2811PBKA Datasheet HTML 83Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 84Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 85Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 86Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 87Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 88Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 89Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 90Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 91Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 174 page
background image
9 Detailed Description
9.1 Brief Descriptions
9.1.1 C28x CPU
The C28x DSP generation is the newest member of the TMS320C2000™ DSP platform. The C28x is source
code compatible to the 24x/240x DSP devices, hence existing 240x users can leverage their significant software
investment. Additionally, the C28x is a very efficient C/C++ engine, enabling users to develop not only their
system control software in a high-level language, but also enables math algorithms to be developed using C/C+
+. The C28x is as efficient in DSP math tasks as it is in system control tasks that typically are handled by
microcontroller devices. This efficiency removes the need for a second processor in many systems. The 32 x 32-
bit MAC capabilities of the C28x and its 64-bit processing capabilities, enable the C28x to efficiently handle
higher numerical resolution problems that would otherwise demand a more expensive floating-point processor
solution. Add to this the fast interrupt response with automatic context save of critical registers, resulting in a
device that is capable of servicing many asynchronous events with minimal latency. The C28x has an 8-level-
deep protected pipeline with pipelined memory accesses. This pipelining enables the C28x to execute at high
speeds without resorting to expensive high-speed memories. Special branch-look-ahead hardware minimizes
the latency for conditional discontinuities. Special store conditional operations further improve performance.
9.1.2 Memory Bus (Harvard Bus Architecture)
As with many DSP type devices, multiple busses are used to move data between the memories and peripherals
and the CPU. The C28x memory bus architecture contains a program read bus, data read bus and data write
bus. The program read bus consists of 22 address lines and 32 data lines. The data read and write busses
consist of 32 address lines and 32 data lines each. The 32-bit-wide data busses enable single cycle 32-bit
operations. The multiple bus architecture, commonly termed “Harvard Bus”, enables the C28x to fetch an
instruction, read a data value and write a data value in a single cycle. All peripherals and memories attached to
the memory bus will prioritize memory accesses. Generally, the priority of Memory Bus accesses can be
summarized as follows:
Highest:
Data Writes (Simultaneous data and program writes cannot occur on the memory bus.)
Program Writes (Simultaneous data and program writes cannot occur on the memory bus.)
Data Reads
Program Reads (Simultaneous program reads and fetches cannot occur on the memory bus.)
Lowest:
Fetches (Simultaneous program reads and fetches cannot occur on the memory bus.)
9.1.3 Peripheral Bus
To enable migration of peripherals between various Texas Instruments (TI) DSP family of devices, the F281x
adopts a peripheral bus standard for peripheral interconnect. The peripheral bus bridge multiplexes the various
busses that make up the processor “Memory Bus” into a single bus consisting of 16 address lines and 16 or
32 data lines and associated control signals. Two versions of the peripheral bus are supported on the F281x.
One version only supports 16-bit accesses (called peripheral frame 2). The other version supports both 16- and
32-bit accesses (called peripheral frame 1).
9.1.4 Real-Time JTAG and Analysis
The F281x implements the standard IEEE 1149.1 JTAG interface. Additionally, the F281x supports real-time
mode of operation whereby the contents of memory, peripheral, and register locations can be modified while the
processor is running and executing code and servicing interrupts. The user can also single step through non-
time critical code while enabling time-critical interrupts to be serviced without interference. The F281x
implements the real-time mode in hardware within the CPU. This is a unique feature to the F281x, no software
monitor is required. Additionally, special analysis hardware is provided that allows the user to set hardware
breakpoint or data/address watch-points and generate various user selectable break events when a match
occurs.
www.ti.com
TMS320F2810, TMS320F2810-Q1, TMS320F2811, TMS320F2811-Q1
TMS320F2812, TMS320F2812-Q1
SPRS174V – APRIL 2001 – REVISED FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
87
Product Folder Links: TMS320F2810 TMS320F2810-Q1 TMS320F2811 TMS320F2811-Q1 TMS320F2812
TMS320F2812-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com