Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TMS320F2811PBKA Datasheet(PDF) 88 Page - Texas Instruments

Part # TMS320F2811PBKA
Description  TMS320F281x Digital Signal Processors
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMS320F2811PBKA Datasheet(HTML) 88 Page - Texas Instruments

Back Button TMS320F2811PBKA Datasheet HTML 84Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 85Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 86Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 87Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 88Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 89Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 90Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 91Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 92Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 174 page
background image
9.1.5 External Interface (XINTF) (F2812 Only)
This asynchronous interface consists of 19 address lines, 16 data lines, and three chip-select lines. The chip-
select lines are mapped to five external zones, Zones 0, 1, 2, 6, and 7. Zones 0 and 1 share a single chip-select;
Zones 6 and 7 also share a single chip-select. Each of the five zones can be programmed with a different
number of wait states, strobe signal setup and hold timing and each zone can be programmed for extending wait
states externally or not. The programmable wait-state, chip-select and programmable strobe timing enables
glueless interface to external memories and peripherals.
9.1.6 Flash
The F2812 and F2811 contain 128K x 16 of embedded flash memory, segregated into four 8K x 16 sectors, and
six 16K x 16 sectors. The F2810 has 64K x 16 of embedded flash, segregated into two 8K x 16 sectors, and
three 16K x 16 sectors. All three devices also contain a single 1K x 16 of OTP memory at address range 0x3D
7800–0x3D 7BFF. The user can individually erase, program, and validate a flash sector while leaving other
sectors untouched. However, it is not possible to use one sector of the flash or the OTP to execute flash
algorithms that erase/program other sectors. Special memory pipelining is provided to enable the flash module to
achieve higher performance. The flash/OTP is mapped to both program and data space; therefore, it can be
used to execute code or store data information.
Note
The F2810/F2811/F2812 Flash and OTP wait states can be configured by the application. This allows
applications running at slower frequencies to configure the flash to use fewer wait states.
Flash effective performance can be improved by enabling the flash pipeline mode in the Flash options
register. With this mode enabled, effective performance of linear code execution will be much faster
than the raw performance indicated by the wait state configuration alone. The exact performance gain
when using the Flash pipeline mode is application-dependent.
For more information on the Flash options, Flash wait-state, and OTP wait-state registers, see the
TMS320x281x DSP System Control and Interrupts Reference Guide.
9.1.7 M0, M1 SARAMs
All C28x devices contain these two blocks of single access memory, each 1K x 16 in size. The stack pointer
points to the beginning of block M1 on reset. The M0 block overlaps the 240x device B0, B1, B2 RAM blocks and
hence the mapping of data variables on the 240x devices can remain at the same physical address on C28x
devices. The M0 and M1 blocks, like all other memory blocks on C28x devices, are mapped to both program and
data space. Hence, the user can use M0 and M1 to execute code or for data variables. The partitioning is
performed within the linker. The C28x device presents a unified memory map to the programmer. This makes for
easier programming in high-level languages.
9.1.8 L0, L1, H0 SARAMs
The F281x contains an additional 16K x 16 of single-access RAM, divided into three blocks (4K + 4K + 8K).
Each block can be independently accessed hence minimizing pipeline stalls. Each block is mapped to both
program and data space.
9.1.9 Boot ROM
The Boot ROM is factory-programmed with boot-loading software. The Boot ROM program executes after device
reset and checks several GPIO pins to determine which boot mode to enter. For example, the user can select to
execute code already present in the internal Flash or download new software to internal RAM through one of
several serial ports. Other boot modes exist as well. The Boot ROM also contains standard tables, such as
SIN/COS waveforms, for use in math-related algorithms. Table 9-1 shows the details of how various boot modes
may be invoked. See the TMS320x281x DSP Boot ROM Reference Guide, for more information.
TMS320F2810, TMS320F2810-Q1, TMS320F2811, TMS320F2811-Q1
TMS320F2812, TMS320F2812-Q1
SPRS174V – APRIL 2001 – REVISED FEBRUARY 2021
www.ti.com
88
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMS320F2810 TMS320F2810-Q1 TMS320F2811 TMS320F2811-Q1 TMS320F2812
TMS320F2812-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com