Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TMS320F2811PBKA Datasheet(PDF) 129 Page - Texas Instruments

Part # TMS320F2811PBKA
Description  TMS320F281x Digital Signal Processors
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMS320F2811PBKA Datasheet(HTML) 129 Page - Texas Instruments

Back Button TMS320F2811PBKA Datasheet HTML 125Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 126Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 127Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 128Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 129Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 130Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 131Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 132Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 133Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 174 page
background image
Table 9-15. Addresses of Flash Sectors in F2812 and F2811
ADDRESS RANGE
PROGRAM AND DATA SPACE
0x3D 8000
0x3D 9FFF
Sector J, 8K x 16
0x3D A000
0x3D BFFF
Sector I, 8K x 16
0x3D C000
0x3D FFFF
Sector H, 16K x 16
0x3E 0000
0x3E 3FFF
Sector G, 16K x 16
0x3E 4000
0x3E 7FFF
Sector F, 16K x 16
0x3E 8000
0x3E BFFF
Sector E, 16K x 16
0x3E C000
0x3E FFFF
Sector D, 16K x 16
0x3F 0000
0x3F 3FFF
Sector C, 16K x 16
0x3F 4000
0x3F 5FFF
Sector B, 8K x 16
0x3F 6000 0x3F 7F80
0x3F 7FF5 0x3F 7FF6
0x3F 7FF7 0x3F 7FF8
0x3F 7FFF
Sector A, 8K x 16 Program to 0x0000 when using
the
Code Security Module Boot-to-Flash Entry Point
(program branch instruction here) Security
Password (128-Bit)
(Do not program to all zeros)
Table 9-16. Addresses of Flash Sectors in F2810
ADDRESS RANGE
PROGRAM AND DATA SPACE
0x3E 8000
0x3E BFFF
Sector E, 16K x 16
0x3E C000
0x3E FFFF
Sector D, 16K x 16
0x3F 0000
0x3F 3FFF
Sector C, 16K x 16
0x3F 4000
0x3F 5FFF
Sector B, 8K x 16
0x3F 6000 0x3F 7F80
0x3F 7FF5 0x3F 7FF6
0x3F 7FF7 0x3F 7FF8
0x3F 7FFF
Sector A, 8K x 16 Program to 0x0000 when using
the
Code Security Module Boot-to-Flash Entry Point
(program branch instruction here) Security
Password (128-Bit)
(Do not program to all zeros)
The “Low 64K” of the memory address range maps into the data space of the 240x. The “High 64K” of the
memory address range maps into the program space of the 24x/240x. 24x/240x-compatible code will execute
only from the “High 64K”memory area. Hence, the top 32K of Flash and H0 SARAM block can be used to run
24x/240x-compatible code (if MP/ MC mode is low) or, on the F2812, code can be executed from XINTF Zone 7
(if MP/ MC mode is high).
The XINTF consists of five independent zones. One zone has its own chip select and the remaining four zones
share two chip selects. Each zone can be programmed with its own timing (wait states) and to either sample or
ignore external ready signal. This makes interfacing to external peripherals easy and glueless.
www.ti.com
TMS320F2810, TMS320F2810-Q1, TMS320F2811, TMS320F2811-Q1
TMS320F2812, TMS320F2812-Q1
SPRS174V – APRIL 2001 – REVISED FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
129
Product Folder Links: TMS320F2810 TMS320F2810-Q1 TMS320F2811 TMS320F2811-Q1 TMS320F2812
TMS320F2812-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com