Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ST10C167 Datasheet(PDF) 8 Page - STMicroelectronics

Part # ST10C167
Description  16-BIT MCU WITH 32K BYTE ROM
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10C167 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ST10C167 Datasheet HTML 4Page - STMicroelectronics ST10C167 Datasheet HTML 5Page - STMicroelectronics ST10C167 Datasheet HTML 6Page - STMicroelectronics ST10C167 Datasheet HTML 7Page - STMicroelectronics ST10C167 Datasheet HTML 8Page - STMicroelectronics ST10C167 Datasheet HTML 9Page - STMicroelectronics ST10C167 Datasheet HTML 10Page - STMicroelectronics ST10C167 Datasheet HTML 11Page - STMicroelectronics ST10C167 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 65 page
background image
ST10C167
8/65
WR/WRL
96
O
External Memory Write Strobe. In WR-mode this pin is activated for every
external data write access. In WRL-mode this pin is activated for low byte
data write accesses on a 16-bit bus, and for every data write access on an
8-bit bus. See WRCFG in register SYSCON for mode selection.
READY/READY
97
I
Ready Input. The active level is programmable. When the Ready function
is enabled, the selected inactive level at this pin during an external mem-
ory access will force the insertion of memory cycle time waitstates until
the pin returns to the selected active level.
ALE
98
O
Address Latch Enable Output. Can be used for latching the address into
external memory or an address latch in the multiplexed bus modes.
EA
99
I
External Access Enable pin. A low level at this pin during and after Reset
forces the ST10C167 to begin instruction execution out of external mem-
ory. A high level forces execution out of the internal Flash Memory.
P0L.0 - P0L.7
P0H.0
P0H.1 - P0H.7
100 - 107
108
111 - 117
I/O
Port 0 consists of the two 8-bit bidirectional I/O ports P0L and P0H. It is
bit-wise programmable for input or output via direction bits. For a pin con-
figured as input, the output driver is put into high-impedance state. In case
of an external bus configuration, Port 0 serves as the address (A) and
address/data (AD) bus in multiplexed bus modes and as the data (D) bus
in demultiplexed bus modes.
Demultiplexed bus modes:
Data Path Width : 8-bit
16-bit
P0L.0 – P0L.7
: D0 – D7
D0 - D7
P0H.0 – P0H.7
: I/O
D8 - D15
Multip lexed bus modes:
Data Path Width : 8-bit
16-bit
P0L.0 – P0L.7
: AD0 – AD7
AD0 - AD7
P0H.0 – P0H.7
: A8 - A15
AD8 - AD15
P1L.0 - P1L.7
P1H.0 - P1H.7
118 - 125
128 - 135
I/O
Port 1 consists of the two 8-bit bidirectional I/O ports P1L and P1H. It is
bit-wise programmable for input or output via direction bits. For a pin con-
figured as input, the output driver is put into high-impedance state. Port 1
is used as the 16-bit address bus (A) in demultiplexed bus modes and
also after switching from a demultiplexed bus mode to a multiplexed bus
mode.
The following PORT1 pins also serve for alternate functions:
132
133
134
135
I
I
I
I
P1H.4
CC24IO
CAPCOM2: CC24 Capture Input
P1H.5
CC25IO
CAPCOM2: CC25 Capture Input
P1H.6
CC26IO
CAPCOM2: CC26 Capture Input
P1H.7
CC27IO
CAPCOM2: CC27 Capture Input
XTAL1
138
I
Input to the oscillator amplifier and input to the internal clock generator
XTAL2
137
O
Output of the oscillator amplifier circuit.
To clock the device from an external source, drive XTAL1, while leaving
XTAL2 unconnected. Minimum and maximum high/low and rise/fall times
specified in the AC Characteristics must be observed.
RSTIN
140
I
Reset Input with Schmitt-Trigger characteristics. A low level at this pin for
a specified duration while the oscillator is running resets the ST10C167.
An internal pullup resistor permits power-on reset using only a capacitor
connected to V
SS.
In bidirectional reset mode (enabled by setting bit BDRSTEN in SYSCON
register), the RSTIN line is pulled low for the duration of the internal reset
sequence.
Table 1 : Pin list (continued)
Symbol
Pin
Type
Function
II - PIN DATA (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com