Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ST10C167 Datasheet(PDF) 10 Page - STMicroelectronics

Part # ST10C167
Description  16-BIT MCU WITH 32K BYTE ROM
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10C167 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ST10C167 Datasheet HTML 6Page - STMicroelectronics ST10C167 Datasheet HTML 7Page - STMicroelectronics ST10C167 Datasheet HTML 8Page - STMicroelectronics ST10C167 Datasheet HTML 9Page - STMicroelectronics ST10C167 Datasheet HTML 10Page - STMicroelectronics ST10C167 Datasheet HTML 11Page - STMicroelectronics ST10C167 Datasheet HTML 12Page - STMicroelectronics ST10C167 Datasheet HTML 13Page - STMicroelectronics ST10C167 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 65 page
background image
ST10C167
10/65
III - FUNCTIONAL DESCRIPTION
The architecture of the ST10C167 combines
advantages of both RISC and CISC processors
and an advanced peripheral subsystem. The
block diagram gives an overview of the different
on-chip components and the high bandwidth inter-
nal bus structure of the ST10C167.
Figure 3 : Block diagram
Port 6
Port 5
Port 3
BRG
CPU-Core
Internal
RAM
Watchdog
Interrupt Controller
32
16
PEC
16
16
CAN
Port 7
Port 8
BRG
OSC.
2K Byte
16
16
16
32K Byte ROM
for ST10C167
XRAM
XTAL1
XTAL2
CAN_RXD
CAN_TXD
8
16
16
16
8
15
8
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com