Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ST10C167 Datasheet(PDF) 41 Page - STMicroelectronics

Part # ST10C167
Description  16-BIT MCU WITH 32K BYTE ROM
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10C167 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button ST10C167 Datasheet HTML 37Page - STMicroelectronics ST10C167 Datasheet HTML 38Page - STMicroelectronics ST10C167 Datasheet HTML 39Page - STMicroelectronics ST10C167 Datasheet HTML 40Page - STMicroelectronics ST10C167 Datasheet HTML 41Page - STMicroelectronics ST10C167 Datasheet HTML 42Page - STMicroelectronics ST10C167 Datasheet HTML 43Page - STMicroelectronics ST10C167 Datasheet HTML 44Page - STMicroelectronics ST10C167 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 65 page
background image
ST10C167
41/65
Notes 1. VAIN may exceed VAGND or VAREF up to the absolute maximum ratings. However, the conversion result in these cases will be
X000H or X3FFH, respectively.
2.
During the sample time the input capacitance CI can be charged/dischargedby the external source. The internal resistance of the
analog source must allow the capacitance to reach its final voltage level within tS. After the end of the sample time tS, changes of the
analog input voltage have no effect on the conversionresult. Values for the sample clock tSC depend on programming and can be taken
from the table above.
3. This parameter includes the sample time tS, the time for determining the digital result and the time to load the result register with
the conversion result. Values for the conversion clock tCC depend on programming and can be taken from the table above.
4. This parameter is fixed by ADC control logic.
5. TUE is tested at VAREF = 5.0V, VAGND = 0V, VCC = 4.9V. It is guaranteed by design characterization for all other voltages within the
defined voltage range. The specified TUE is guaranteed only if an overload condition (see IOV specification) occurs on maximum of
2 not selected analog input pins and the absolute sum of input overload currents on all analog input pins does not exceed 10mA.
During the reset calibration sequence the maximum TUE may be
±4 LSB.
6. During the conversion the ADC’s capacitance must be repeatedly charged or discharged. The internal resistance of the reference
voltage source must allow the capacitance to reach its respective voltage level within tCC. The maximum internal resistance results
from the programmed conversion timing.
7. Partially tested, guaranteed by design characterization.
Sample time and conversion time of the ST10C167’s ADC are programmable. The table below should be
used to calculate the above timings.
XX.4 - AC characteristics
Test waveforms
ADCON.15|14 (ADCTC)
Conversion clock tCC
ADCON.13|12 (ADSTC)
Sample clock tSC
00
TCL * 24
00
tCC
01
Reserved, do not use
01
tCC *2
10
TCL * 96
10
tCC *4
11
TCL * 48
11
tCC *8
Figure 9 : Input output waveforms
Figure 10 : Float waveforms
2.4V
0.45V
Test Points
0.2VDD+0.9
0.2VDD+0.9
0.2VDD-0.1
0.2VDD-0.1
AC inputs during testing are driven at 2.4V for a logic ‘1’ and 0.4V for a logic ‘0’.
Timing measurements are made at VIH min for a logic ‘1’ and VIL max for a logic ‘0’.
Timing
Reference
Points
VLoad +0.1V
VLoad -0.1V
VOH -0.1V
VOL +0.1V
VLoad
VOL
VOH
For timing purposes a port pin is no longer floating when VLOAD changes of ±100mV.
It begins to float when a 100mV change from the loaded VOH/VOL level occurs (IOH/IOL = 20mA).
XX - ELECTRICAL CHARACTERISTICS (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com