Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ST10C167 Datasheet(PDF) 15 Page - STMicroelectronics

Part # ST10C167
Description  16-BIT MCU WITH 32K BYTE ROM
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10C167 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button ST10C167 Datasheet HTML 11Page - STMicroelectronics ST10C167 Datasheet HTML 12Page - STMicroelectronics ST10C167 Datasheet HTML 13Page - STMicroelectronics ST10C167 Datasheet HTML 14Page - STMicroelectronics ST10C167 Datasheet HTML 15Page - STMicroelectronics ST10C167 Datasheet HTML 16Page - STMicroelectronics ST10C167 Datasheet HTML 17Page - STMicroelectronics ST10C167 Datasheet HTML 18Page - STMicroelectronics ST10C167 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 65 page
background image
ST10C167
15/65
CAPCOM Register 18
CC18IR
CC18IE
CC18INT
00’00C8h
32h
CAPCOM Register 19
CC19IR
CC19IE
CC19INT
00’00CCh
33h
CAPCOM Register 20
CC20IR
CC20IE
CC20INT
00’00D0h
34h
CAPCOM Register 21
CC21IR
CC21IE
CC21INT
00’00D4h
35h
CAPCOM Register 22
CC22IR
CC22IE
CC22INT
00’00D8h
36h
CAPCOM Register 23
CC23IR
CC23IE
CC23INT
00’00DCh
37h
CAPCOM Register 24
CC24IR
CC24IE
CC24INT
00’00E0h
38h
CAPCOM Register 25
CC25IR
CC25IE
CC25INT
00’00E4h
39h
CAPCOM Register 26
CC26IR
CC26IE
CC26INT
00’00E8h
3Ah
CAPCOM Register 27
CC27IR
CC27IE
CC27INT
00’00ECh
3Bh
CAPCOM Register 28
CC28IR
CC28IE
CC28INT
00’00E0h
3Ch
CAPCOM Register 29
CC29IR
CC29IE
CC29INT
00’0110h
44h
CAPCOM Register 30
CC30IR
CC30IE
CC30INT
00’0114h
45h
CAPCOM Register 31
CC31IR
CC31IE
CC31INT
00’0118h
46h
CAPCOM Timer 0
T0IR
T0IE
T0INT
00’0080h
20h
CAPCOM Timer 1
T1IR
T1IE
T1INT
00’0084h
21h
CAPCOM Timer 7
T7IR
T7IE
T7INT
00’00F4h
3Dh
CAPCOM Timer 8
T8IR
T8IE
T8INT
00’00F8h
3Eh
GPT1 Timer 2
T2IR
T2IE
T2INT
00’0088h
22h
GPT1 Timer 3
T3IR
T3IE
T3INT
00’008Ch
23h
GPT1 Timer 4
T4IR
T4IE
T4INT
00’0090h
24h
GPT2 Timer 5
T5IR
T5IE
T5INT
00’0094h
25h
GPT2 Timer 6
T6IR
T6IE
T6INT
00’0098h
26h
GPT2 CAPREL Register
CRIR
CRIE
CRINT
00’009Ch
27h
A/D Conversion Complete
ADCIR
ADCIE
ADCINT
00’00A0h
28h
A/D Overrun Error
ADEIR
ADEIE
ADEINT
00’00A4h
29h
ASC0 Transmit
S0TIR
S0TIE
S0TINT
00’00A8h
2Ah
ASC0 Transmit Buffer
S0TBIR
S0TBIE
S0TBINT
00’011Ch
47h
ASC0 Receive
S0RIR
S0RIE
S0RINT
00’00ACh
2Bh
ASC0 Error
S0EIR
S0EIE
S0EINT
00’00B0h
2Ch
SSC Transmit
SCTIR
SCTIE
SCTINT
00’00B4h
2Dh
SSC Receive
SCRIR
SCRIE
SCRINT
00’00B8h
2Eh
SSC Error
SCEIR
SCEIE
SCEINT
00’00BCh
2Fh
PWM Channel 0...3
PWMIR
PWMIE
PWMINT
00’00FCh
3Fh
CAN Interface
XP0IR
XP0IE
XP0INT
00’0100h
40h
X-Peripheral Node
XP1IR
XP1IE
XP1INT
00’0104h
41h
X-Peripheral Node
XP2IR
XP2IE
XP2INT
00’0108h
42h
PLL Unlock
XP3IR
XP3IE
XP3INT
00’010Ch
43h
Table 2 : Interrupt sources (continued)
Source of Interrupt or PEC
Service Request
Request
Flag
Enable
Flag
Interrupt
Vector
Vector
Location
Trap
Number
VII - INTERRUPT SYSTEM (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com