Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADE7566 Datasheet(PDF) 43 Page - Analog Devices

Part # ADE7566
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC and LCD driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7566 Datasheet(HTML) 43 Page - Analog Devices

Back Button ADE7566 Datasheet HTML 39Page - Analog Devices ADE7566 Datasheet HTML 40Page - Analog Devices ADE7566 Datasheet HTML 41Page - Analog Devices ADE7566 Datasheet HTML 42Page - Analog Devices ADE7566 Datasheet HTML 43Page - Analog Devices ADE7566 Datasheet HTML 44Page - Analog Devices ADE7566 Datasheet HTML 45Page - Analog Devices ADE7566 Datasheet HTML 46Page - Analog Devices ADE7566 Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 148 page
background image
Preliminary Technical Data
ADE75xx/ADE71xx
Rev. PrE | Page 43 of 148
0
AEHF
When this bit is set, the AEHF flag set creates a pending ADE interrupt to the 8052 core.
Table 41. Interrupt Enable Register 3 SFR (MIRQENH, 0xDB)
Bit
Location
Interrupt Flag
Description
7-6
-
Reserved
5
WFSM
When this bit is set, the WFSM flag set creates a pending ADE interrupt to the 8052 core.
4
PKI
When this bit is set, the PKI flag set creates a pending ADE interrupt to the 8052 core.
3
PKV
When this bit is set, the PKV flag set creates a pending ADE interrupt to the 8052 core..
2
CYCEND
When this bit is set, the CYCEND flag set creates a pending ADE interrupt to the 8052 core.
1
ZXTO
When this bit is set, the ZXTO flag set creates a pending ADE interrupt to the 8052 core.
0
ZX
When this bit is set, the ZX flag set creates a pending ADE interrupt to the 8052 core.
ANALOG INPUTS
The ADE75XX/ADE71XX has two fully differential voltage
input channels. The maximum differential input voltage for
input pairs VP/VN and IP/IN are ±0.5 V. In addition, the
maximum signal level on analog inputs for VP/VN and IP/ IN
is ±0.5 V with respect to AGND.
Each analog input channel has a PGA (programmable gain
amplifier) with possible gain selections of 1, 2, 4, 8, and 16. The
gain selections are made by writing to the GAIN register in the
Energy Measurement Register List—see Table 34 and
RESERVED
GAIN REGISTER*
CURRENT AND VOLTAGE CHANNELS PGA CONTROL
7
0
ADDR:
1BH
* REGISTER CONTENTS
SHOW POWER-ON DEFAULTS
PGA 2 GAIN SELECT
000 = x 1
001 = x 2
010 = x 4
011 = x 8
100 = x 16
PGA 1 GAIN SELECT
000 = x 1
001 = x 2
010 = x 4
011 = x 8
100 = x 16
6
0
5
0
4
0
3
0
2
0
1
0
0
0
Figure 17. Bits 0 to 2 select the gain for the PGA in the current
channel, and the gain selection for the PGA in voltage channel is
made via Bits 5 to 7. Figure 16 shows how a gain selection for
the current channel is made using the gain register.
V1P
V1N
VIN
K
⋅ V
IN
GAIN[7:0]
76
5
4
3
2
1
0
00
0
0
0
0
0
0
GAIN (K)
SELECTION
Figure 16. PGA in current channel
In addition to the PGA, Channel 1 also has a full-scale input range selection
for the ADC. The ADC analog input range selection is also made using the
gain register—see
RESERVED
GAIN REGISTER*
CURRENT AND VOLTAGE CHANNELS PGA CONTROL
7
0
ADDR:
1BH
* REGISTER CONTENTS
SHOW POWER-ON DEFAULTS
PGA 2 GAIN SELECT
000 = x 1
001 = x 2
010 = x 4
011 = x 8
100 = x 16
PGA 1 GAIN SELECT
000 = x 1
001 = x 2
010 = x 4
011 = x 8
100 = x 16
6
0
5
0
4
0
3
0
2
0
1
0
0
0
Figure 17. As mentioned previously, the maximum differential
input voltage is 0.5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com