Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADE7566 Datasheet(PDF) 97 Page - Analog Devices

Part # ADE7566
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC and LCD driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7566 Datasheet(HTML) 97 Page - Analog Devices

Back Button ADE7566 Datasheet HTML 93Page - Analog Devices ADE7566 Datasheet HTML 94Page - Analog Devices ADE7566 Datasheet HTML 95Page - Analog Devices ADE7566 Datasheet HTML 96Page - Analog Devices ADE7566 Datasheet HTML 97Page - Analog Devices ADE7566 Datasheet HTML 98Page - Analog Devices ADE7566 Datasheet HTML 99Page - Analog Devices ADE7566 Datasheet HTML 100Page - Analog Devices ADE7566 Datasheet HTML 101Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 148 page
background image
Preliminary Technical Data
ADE75xx/ADE71xx
Rev. PrE | Page 97 of 148
7
W/R
0
Read or Write LCD bit
If this bit is set, the data in LCDDAT will be written to the address
indicated by the bits LCDPTR[5 :0]
6
RESERVED
0
Reserved
5-0
ADDRESS
0
LCD Memory Address - See Table 85.
Table 83. LCD Data SFR (LCDDAT, 0xAE)
Bit
Location
Bit
Mnemonic
Default
Value
Description
7-0
LCDDATA
0
Data to be written into or read out of the LCD Memory SFRs.
Table 84. LCD Segment Enable 2 SFR (LCDSEGE2, 0xED)
Bit
Location
Bit
Mnemonic
Default
Value
Description
7-4
RESERVED
0
Reserved
FP19 Function Select bit
0
General Purpose I/O
3
FP19EN
0
1
LCD Function
FP18 Function Select bit
0
General Purpose I/O
2
FP18EN
0
1
LCD Function
FP17 Function Select bit
0
General Purpose I/O
1
FP17EN
0
1
LCD Function
FP16 Function Select bit
0
General Purpose I/O
0
FP16EN
0
1
LCD Function
Peripheral Configuration SFR (PERIPH, 0xF4)
Bit
Location
Bit
Mnemonic
Default
Value
Description
7
RXFLAG
0
If set, indicates that a RX Edge event triggered wakeup from PSM2
Indicates the power supply that is connected internally to VSW.
0 VSW=VBAT
6
VSWSOURCE
1
1 VSW=VDD
5
VDD_OK
1
If set, indicates that VDD power supply is ok for operation
4
PLL_FLT
0
If set, indicates that PLL is not locked
3
REF_BAT_EN
0
If set, Internal voltage reference enabled in PSM2 mode. This bit should be set if LCD On in
PSM2 mode.
2
Reserved
0
Controls the function of the P1.0/RX pin.
RXPROG [1:0]
Function
0
0
GPIO
0
1
RX with wakeup disabled
1-0
RXPROG[1:0]
00
1
1
RX with wakeup enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com