Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADE7566 Datasheet(PDF) 84 Page - Analog Devices

Part # ADE7566
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC and LCD driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7566 Datasheet(HTML) 84 Page - Analog Devices

Back Button ADE7566 Datasheet HTML 80Page - Analog Devices ADE7566 Datasheet HTML 81Page - Analog Devices ADE7566 Datasheet HTML 82Page - Analog Devices ADE7566 Datasheet HTML 83Page - Analog Devices ADE7566 Datasheet HTML 84Page - Analog Devices ADE7566 Datasheet HTML 85Page - Analog Devices ADE7566 Datasheet HTML 86Page - Analog Devices ADE7566 Datasheet HTML 87Page - Analog Devices ADE7566 Datasheet HTML 88Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 148 page
background image
ADE75xx/ADE71xx
Preliminary Technical Data
Rev. PrE | Page 84 of 148
INTERRUPT SYSTEM
The unique power management architecture of the
ADE75XX/ADE71XX includes an operating mode where the
8052 MCU core is shut down, PSM2. There are events that can
be configured to wake the 8052 MCU core from the PSM2
operating mode where the MCU core is shut down. A
distinction is drawn here between events that can trigger the
wakeup of the 8052 MCU core and events that can trigger an
interrupt when the MCU core is active. Events that can wake the
core are referred to as wakeup events while events that can
interrupt the program flow when the MCU is active are called
interrupts
. See the 3.3V Peripherals and Wakeup Events section
to learn more about events that can wake the 8052 core from
PSM2.
The ADE75XX/ADE71XX provides 12 interrupt sources with
three priority levels. The power management interrupt is alone
at the highest priority level. The other two priority levels are
configurable through the Interrupt priority SFR (IP, 0xB8) and
Interrupt Enable and Priority 2 SFR (IEIP2, 0xA9).
STANDARD 8051 INTERRUPT ARCHITECTURE
The 8051 standard interrupt architecture includes two tiers of
interrupts, where some interrupts are assigned a high priority
and others are assigned a low priority.
Priority 0
Priority 1
High
Low
Figure 60: Standard 8051 Interrupt Priority Levels
A Priority 1 interrupt can interrupt the service routine of a
Priority 0 interrupt, and if two interrupts of different priorities
occur at the same time, the Priority 1 interrupt is serviced first.
An interrupt cannot be interrupted by another interrupt of the
same priority level. If two interrupts of the same priority level
occur simultaneously, a polling sequence is observed. See the
Interrupt Priority section.
ADE75XX/ADE71XX INTERRUPT ARCHITECTURE
The ADE75XX/ADE71XX provides advanced power supply
monitoring features. To ensure a fast response to time critical
power supply issues, such as a loss of line power, the power
supply monitoring interrupt should be able to interrupt any
interrupt service routine. In order to enable the user to make
full use of the standard 8051 interrupt priority levels, an
additional priority level was added for the power supply
management, PSM, interrupt. The PSM interrupt is the only
interrupt at this highest interrupt priority level.
Priority 0
Priority 1
PSM
High
Low
Figure 61: ADE75XX/ADE71XX Interrupt Architecture
See the Power Supply Monitor Interrupt (PSM) section for
more information on the PSM interrupt.
INTERRUPT SFR REGISTER LIST
The control and configuration of the interrupt system is carried out through three interrupt-related SFRs:
SFR
Address
Default
Value
Bit
Addressable
Description
IE
0xA8
0x00
Yes
Interrupt Enable Register
IP
0xB8
0x00
Yes
Interrupt Priority Register
IEIP2
0xA9
0xA0
No
Secondary Interrupt Enable
Register
INTPR
0xFF
0x00
No
Interrupt Pins Configuration SFR
Table 63. Interrupt Enable SFR (IE, 0xA8)
Bit Location
Bit Addr.
Bit Name
Description
7
0xAF
EA
Set by the user to enable all interrupt sources.
Cleared by the user to disable all interrupt sources.
6
0xAE
ETEMP
Set by the user to enable the temperature ADC interrupt.
5
0xAD
ET2
Set by the user to enable the Timer 2 interrupt.
4
0xAC
ES
Set by the user to enable the UART serial port interrupt.
3
0xAB
ET1
Set by the user to enable the Timer 1 interrupt.
2
0xAA
EX1
Set by the user to enable External Interrupt 1 (INT1).
1
0xA9
ET0
Set by the user to enable the Timer 0 interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com