Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADE7566 Datasheet(PDF) 82 Page - Analog Devices

Part # ADE7566
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC and LCD driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7566 Datasheet(HTML) 82 Page - Analog Devices

Back Button ADE7566 Datasheet HTML 78Page - Analog Devices ADE7566 Datasheet HTML 79Page - Analog Devices ADE7566 Datasheet HTML 80Page - Analog Devices ADE7566 Datasheet HTML 81Page - Analog Devices ADE7566 Datasheet HTML 82Page - Analog Devices ADE7566 Datasheet HTML 83Page - Analog Devices ADE7566 Datasheet HTML 84Page - Analog Devices ADE7566 Datasheet HTML 85Page - Analog Devices ADE7566 Datasheet HTML 86Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 148 page
background image
ADE75xx/ADE71xx
Preliminary Technical Data
Rev. PrE | Page 82 of 148
ADD
A, source
Function: Adds the source to the Accumulator.
Status Flags Referenced by Instruction: None
Status Flags Affected:
Status
Flag
Description
C
Set if there is a carry out of bit 7. Cleared otherwise.
Used to indicate an overflow if the operands are
unsigned.
OV
Set if there is a carry out of bit 6 or a carry out of bit 7
but not if both are set. Used to indicate an overflow
for signed addition. This flag will be set if two positive
operands yield a negative result or two negative
operands yield a positive result.
AC
Set if there is a carry out of bit 3. Cleared otherwise.
ADDC A, source
Function: Adds the source and the Carry bit to the Accumulator
Status Flags Referenced by Instruction: Carry
Status Flags Affected:
Status
Flag
Description
C
Set if there is a carry out of bit 7. Cleared otherwise.
Used to indicate an overflow if the operands are
unsigned.
OV
Set if there is a carry out of bit 6 or a carry out of bit 7
but not if both are set. Used to indicate an overflow
for signed addition. This flag will be set if two positive
operands yield a negative result or two negative
operands yield a positive result.
AC
Set if there is a carry out of bit 3. Cleared otherwise.
SUBB
A, source
Function: Subtract the source byte and the carry (borrow) flag
from the Accumulator.
Status Flags Referenced by Instruction: Carry (Borrow)
Status Flags Affected:
Status
Flag
Description
C
Set if there is a borrow needed for of bit 7. Cleared
otherwise. Used to indicate an overflow if the
operands are unsigned.
OV
Set if there is a borrow is needed for bit 6 or bit 7 but
not for both. Used to indicate an overflow for signed
subtraction. This flag will be set if a negative number
subtracted from a positive yields a negative result or it
a positive number subtracted from a negative number
yields a positive result.
AC
Set if a borrow is needed for bit 3. Cleared otherwise.
MUL
AB
Function: Multiplies the Accumulator by the B register. This
operation is unsigned. The lower byte of the 16-bit product is
stored in the Accumulator and the higher byte is left in the B
register.
Status Flags Referenced by Instruction: None
Status Flags Affected: None
Status
Flag
Description
C
Cleared
OV
Set if the result is greater than 255. Cleared
otherwise.
DIV
AB
Function: Divides the Accumulator by the B register. This
operation is unsigned. The integer part of the quotient is stored
in the Accumulator and the remainder goes into the B register.
Status Flags Referenced by Instruction: None
Status Flags Affected:
Status
Flag
Description
C
Cleared
OV
Cleared unless the B register was equal to 0, in which
case the results of the division are undefined and the
OV flag is set.
DA
A
Function: Adjusts the Accumulator to hold two four bit digits
after the addition of two binary coded decimals (BCDs) with
the ADD or ADDC instructions. If the AC bit is set or if the
value of bits 0-3 exceed 9, 0x06 is added to the accumulator to
correct the lower four bits. If the carry bit was set when the
instruction began, or if 0x06 was added to the accumulator in
the first step, 0x60 is added to the accumulator to correct the
higher four bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com