Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

NJW1321 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # NJW1321
Description  WIDE BAND VIDEO SWITCH WITH I2C BUS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NJW1321 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  NJW1321 Datasheet HTML 1Page - List of Unclassifed Manufacturers NJW1321 Datasheet HTML 2Page - List of Unclassifed Manufacturers NJW1321 Datasheet HTML 3Page - List of Unclassifed Manufacturers NJW1321 Datasheet HTML 4Page - List of Unclassifed Manufacturers NJW1321 Datasheet HTML 5Page - List of Unclassifed Manufacturers NJW1321 Datasheet HTML 6Page - List of Unclassifed Manufacturers NJW1321 Datasheet HTML 7Page - List of Unclassifed Manufacturers NJW1321 Datasheet HTML 8Page - List of Unclassifed Manufacturers NJW1321 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
NJW1321
- 4 -
s
s
s
s I
2C BUS BLOCK CHARACTERISTICS (SDA,SCL)
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
High Level Input Voltage
VIH
3.0
-
5.0
V
Low Level Input Voltage
VIL
0
-
1.5
V
High Level Input Current
IIH
-
-
10
µA
Low Level Input Current
IIL
-
-
10
µA
Low Level Output Voltage (3mA at SDA pin)
VOL
0
-
0.4
V
Maximum Output Current
IOL
-3.0
-
-
mA
Maximum Clock Frequency
fSCL
-
-
100
kHz
Data Change Minimum Waiting Time
tBUF
4.7
-
-
µs
Data Transfer Start Minimum Waiting Time
tHD:STA
4.0
-
-
µs
Low Level Clock Pulse Width
tLOW
4.7
-
-
µs
High Level Clock Pulse Width
tHIGH
4.0
-
-
µs
Minimum Start Preparation Waiting Time
tSU:STA
4.0
-
-
µs
Minimum Data Hold Time
tHD:DAT
0.0
-
3.45
µs
Minimum Data Preparation Time
tSU:DAT
250
-
-
ns
Rise Time
tR
-
-
1.0
µs
Fall Time
tF
-
-
300
ns
Minimum Stop Preparation Waiting Time
tSU:STO
4.0
-
-
µs
I
2C BUS Load Condition:
Pull up resistance 4k
Ω (Connected to +5V)
Load capacitance 200pF (Connected to GND)
SDA
SCL
tBUF
tHD:STA
Sr
P
tLOW
tR
tHD:DAT
tHIGH
tF
tSU:DAT
S
P
tSU:STA
tSU:STO
tHD:STA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com