Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

NJW1321 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # NJW1321
Description  WIDE BAND VIDEO SWITCH WITH I2C BUS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NJW1321 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  NJW1321 Datasheet HTML 1Page - List of Unclassifed Manufacturers NJW1321 Datasheet HTML 2Page - List of Unclassifed Manufacturers NJW1321 Datasheet HTML 3Page - List of Unclassifed Manufacturers NJW1321 Datasheet HTML 4Page - List of Unclassifed Manufacturers NJW1321 Datasheet HTML 5Page - List of Unclassifed Manufacturers NJW1321 Datasheet HTML 6Page - List of Unclassifed Manufacturers NJW1321 Datasheet HTML 7Page - List of Unclassifed Manufacturers NJW1321 Datasheet HTML 8Page - List of Unclassifed Manufacturers NJW1321 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
NJW1321
-5 -
s
s
s
sEQUIVALENT CIRCUIT
PIN No.
NAME
FUNCTION
INSIDE EQUIVALENT CIRCUIT
VOLTAGE
6
8
10
48
2
4
42
44
46
36
38
40
Y IN1
Pb IN1
Pr IN1
Y IN2
Pb IN2
Pr IN2
Y IN3
Pb IN3
Pr IN3
Y IN4
Pb IN4
Pr IN4
Y,Pb,Pr Input
RGB Input
4.4V
34
32
30
27
24
21
Y OUT1
Pb OUT1
Pr OUT1
Y OUT2
Pb OUT2
Pr OUT2
Y,Pb,Pr Output
RGB Output
3.0V
23
22
13
12
PORT0
PORT1
PORT2
PORT3
Logic input terminal
-
25
26
28
29
AUX0
AUX1
AUX2
AUX3
Auxiliary 3 values voltage
output terminal
0V
1.9V
5.0V
V+
100Ω
150kΩ
V+
V+
V+
V+
50Ω
100kΩ
66Ω
V+
V+
66Ω
V+
V+
V+
1kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com