Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

NJW1321 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # NJW1321
Description  WIDE BAND VIDEO SWITCH WITH I2C BUS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NJW1321 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  NJW1321 Datasheet HTML 1Page - List of Unclassifed Manufacturers NJW1321 Datasheet HTML 2Page - List of Unclassifed Manufacturers NJW1321 Datasheet HTML 3Page - List of Unclassifed Manufacturers NJW1321 Datasheet HTML 4Page - List of Unclassifed Manufacturers NJW1321 Datasheet HTML 5Page - List of Unclassifed Manufacturers NJW1321 Datasheet HTML 6Page - List of Unclassifed Manufacturers NJW1321 Datasheet HTML 7Page - List of Unclassifed Manufacturers NJW1321 Datasheet HTML 8Page - List of Unclassifed Manufacturers NJW1321 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Ver.3
NJW1321
-1 -
WIDE BAND VIDEO SWITCH WITH I
2C BUS
s
s
s
s GENERAL DESCRIPTION
s
s
s
s PACKAGE OUTLINE
The NJW1321 is a Wide Band Video Switch with I
2C BUS.
The NJW1321 includes switch of 4-input 2-output and 6dB
amplifier. It is suitable for RGB or Y, Pb, and Pr signal because
frequency range is 100MHz.
The NJW1321 includes external logic control terminals and
external logic discernment terminals.
The NJW1321 is suitable for PTV, DTV, PDP and other high quality
AV systems.
s
s
s
s FEATURES
q
Operating Voltage
+9.0V
q
I
2C BUS Interface
q
4-input 2-output 3-Circuits
q
Wide frequency range
0dB at 100MHz typ.
-3dB at 300MHz typ.
q
Internal 6dB amplifier (Selectable Bypass or 6dB)
q
External logic discernment terminal
q
External logic control terminal
q
Selectable slave address
q
Power Save Circuit
q
Bi-CMOS Technology
q
Package Outline
QFP48
s
s
s
s BLOCK DIAGRAM
NJW1321FP1
6dB
6dB
6dB
6dB
6dB
6dB
I2C BUS
Y/R IN1
Y/R IN2
Y/R IN3
Y/R IN4
Pb/G IN1
Pb/G IN2
Pb/G IN3
Pb/G IN4
Pr/B IN1
Pr/B IN2
Pr/B IN3
Pr/B IN4
Y/R OUT1
Y/R OUT2
Pb/G OUT1
Pb/G OUT2
Pr/B OUT1
Pr/B OUT2
ADDRESS
SDA
SCL
V+
GND
AUX 0
AUX 1
AUX 2
AUX 3
PORT 0
PORT 1
PORT 2
PORT 3
VREF
BIAS
DGND


Similar Part No. - NJW1321

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW1325 NJRC-NJW1325 Datasheet
347Kb / 26P
Multi Input Wide Band Video Interface with I2C Control
NJW1326 NJRC-NJW1326 Datasheet
222Kb / 16P
Multi Input Wide Band Video Interface with I2C Control
NJW1327 NJRC-NJW1327 Datasheet
240Kb / 21P
Multi Input SD/ HD Video Interface with I2C Control
logo
Nisshinbo Micro Devices...
NJW1327 NISSHINBO-NJW1327 Datasheet
231Kb / 21P
Multi Input SD/ HD Video Interface with I2C Control
Ver.2.3
NJW1327FU1 NISSHINBO-NJW1327FU1 Datasheet
231Kb / 21P
Multi Input SD/ HD Video Interface with I2C Control
Ver.2.3
More results

Similar Description - NJW1321

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1114P SONY-CXA1114P Datasheet
367Kb / 20P
AUDIO VIDEO SWITCH COMPATIBLE WITH I2C BUS
CXA1314P SONY-CXA1314P Datasheet
287Kb / 14P
VIDEO SWITCH COMPATIBLE WITH I2C BUS
CXA1845Q SONY-CXA1845Q Datasheet
390Kb / 19P
I2C BUS-COMPATIBLE AUDIO/VIDEO SWITCH
CXA1855Q SONY-CXA1855Q Datasheet
369Kb / 19P
I2C BUS-COMPATIBLE AUDIO/VIDEO SWITCH
CXA2040AQ SONY-CXA2040AQ Datasheet
257Kb / 21P
I2C Bus-Compatible Video Switch
CXA2040Q SONY-CXA2040Q Datasheet
381Kb / 22P
I2C Bus-Compatible Video Switch
logo
New Japan Radio
NJM2584A NJRC-NJM2584A Datasheet
591Kb / 10P
WIDE BAND 3 CIRCUITS VIDEO SWITCH
NJW1325 NJRC-NJW1325 Datasheet
347Kb / 26P
Multi Input Wide Band Video Interface with I2C Control
NJW1326 NJRC-NJW1326 Datasheet
222Kb / 16P
Multi Input Wide Band Video Interface with I2C Control
NJW1328 NJRC-NJW1328 Datasheet
237Kb / 19P
Multi Input Wide Band Video Interface with I2C Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com