Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

NJW1321 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # NJW1321
Description  WIDE BAND VIDEO SWITCH WITH I2C BUS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NJW1321 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button NJW1321 Datasheet HTML 4Page - List of Unclassifed Manufacturers NJW1321 Datasheet HTML 5Page - List of Unclassifed Manufacturers NJW1321 Datasheet HTML 6Page - List of Unclassifed Manufacturers NJW1321 Datasheet HTML 7Page - List of Unclassifed Manufacturers NJW1321 Datasheet HTML 8Page - List of Unclassifed Manufacturers NJW1321 Datasheet HTML 9Page - List of Unclassifed Manufacturers NJW1321 Datasheet HTML 10Page - List of Unclassifed Manufacturers NJW1321 Datasheet HTML 11Page - List of Unclassifed Manufacturers NJW1321 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
NJW1321
- 8 -
!INSTRUCTION CODE
♦
♦
♦
♦POWER SAVE, OUTPUT SETTING
BIT
No.
D7
D6
D5
D4
D3
D2
D1
D0
Data1
PS1
PS2
OUT1
OUT2
••••PS1, PS2: Power Save Setting
Power Save
D7
D6
OUT1 ON
OUT2 ON
0
0
OUT1 ON
OUT2 OFF
0
1
OUT1 OFF
OUT2 ON
1
0
OUT1 OFF
OUT2 OFF
1
1
ON: Power Save OFF, OFF: Power Save ON (Mute)
••••OUT1: Output 1 Setting
Output 1
D5
D4
YIN1
PbIN1
PrIN1
0
0
YIN2
PbIN2
PrIN2
0
1
YIN3
PbIN3
PrIN3
1
0
YIN4
PbIN4
PrIN4
1
1
••••OUT2: Output 2 Setting
Output 2
D2
D1
YIN1
PbIN1
PrIN1
0
0
YIN2
PbIN2
PrIN2
0
1
YIN3
PbIN3
PrIN3
1
0
YIN4
PbIN4
PrIN4
1
1
Gain
D3
6dB
0
0dB
1
Gain
D0
6dB
0
0dB
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com