Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TS4972 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS4972
Description  1.2W Audio Power Amplifier with Standby Mode Active High
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4972 Datasheet(HTML) 1 Page - STMicroelectronics

  TS4972 Datasheet HTML 1Page - STMicroelectronics TS4972 Datasheet HTML 2Page - STMicroelectronics TS4972 Datasheet HTML 3Page - STMicroelectronics TS4972 Datasheet HTML 4Page - STMicroelectronics TS4972 Datasheet HTML 5Page - STMicroelectronics TS4972 Datasheet HTML 6Page - STMicroelectronics TS4972 Datasheet HTML 7Page - STMicroelectronics TS4972 Datasheet HTML 8Page - STMicroelectronics TS4972 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
October 2004
Revision 2
1/30
■ Operating from V
CC = 2.5V to 5.5V
■ Rail-to-rail output
■ 1.2W output power @ Vcc=5V, THD=1%,
F=1kHz, with 8
Ω load
■ Ultra low consumption in standby mode
(10nA)
■ 75dB PSRR @ 217Hz from 2.5 to 5V
■ Low pop & click
■ Ultra low distortion (0.05%)
■ Unity gain stable
■ Flip-chip package 8 x 300µm bumps
Description
The TS4972 is an Audio Power Amplifier capable
of delivering 1.6W of continuous RMS ouput
power into a 4
Ω load @ 5V.
This Audio Amplifier is exhibiting 0.1% distortion
level (THD) from a 5V supply for a Pout = 250mW
RMS. An external standby mode control reduces
the supply current to less than 10nA. An internal
shutdown protection is provided.
The TS4972 has been designed for high quality
audio applications such as mobile phones and to
minimize the number of external components.
The unity-gain stable amplifier can be configured
by external gain setting resistors.
Applications
■ Mobile phones (cellular / cordless)
■ PDAs
■ Laptop/notebook computers
■ Portable audio devices
Pin Connections (top view)
Order Codes
TYPICAL APPLICATION SCHEMATIC
Cb
Cin
Rin
Rfeed
Rstb
RL
8 Ohms
Cs
Input
Audio
Cfeed
Bias
AV = -1
Vin-
Vin+
Bypass
S tandby
GND
Vout 1
Vout 2
+
-
+
-
1
3
6
8
2
5
7
4
TS4972
VCC
VCC
VCC
TS4972JT - FLIP CHIP
12
3
76
5
8
4
Gnd
Bypass
Vout2
Stdby
Vcc
Vout1
Vin
+
Vin
Part Number
Temperature Range
Package
Packing
Marking
TS4972IJT
TS4972EIJT1
1)
Lead free Flip-Chip part number
-40, +85°C
Flip-Chip
Tape & Reel
4972
1.2W Audio Power Amplifier with Standby Mode Active High
TS4972


Similar Part No. - TS4972

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS4972 STMICROELECTRONICS-TS4972 Datasheet
904Kb / 28P
1.2W AUDIO POWER AMPLIFIER WITH STANDBY MODE ACTIVE HIGH
Jan-2003
TS4972IJT STMICROELECTRONICS-TS4972IJT Datasheet
904Kb / 28P
1.2W AUDIO POWER AMPLIFIER WITH STANDBY MODE ACTIVE HIGH
Jan-2003
TS4972JT STMICROELECTRONICS-TS4972JT Datasheet
904Kb / 28P
1.2W AUDIO POWER AMPLIFIER WITH STANDBY MODE ACTIVE HIGH
Jan-2003
More results

Similar Description - TS4972

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS4972 STMICROELECTRONICS-TS4972 Datasheet
904Kb / 28P
1.2W AUDIO POWER AMPLIFIER WITH STANDBY MODE ACTIVE HIGH
Jan-2003
TS4973 STMICROELECTRONICS-TS4973 Datasheet
375Kb / 9P
1.2W TWO AUDIO INPUTS WITH GAIN CONTROL POWER AMPLIFIER WITH STANDBY MODE ACTIVE LOW
Feb-2003
TS4984FC STMICROELECTRONICS-TS4984FC Datasheet
1Mb / 30P
1.2W Stereo Audio Power Amplifier with Active Low Standby Mode
Nov-2005
logo
Unisonic Technologies
PA4990 UTC-PA4990 Datasheet
259Kb / 8P
1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW SHUTDOWN MODE
logo
Integrated Silicon Solu...
IS31AP4990D ISSI-IS31AP4990D Datasheet
278Kb / 10P
1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW SHUTDOWN MODE
IS31AP4991 ISSI-IS31AP4991 Datasheet
427Kb / 12P
1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW STANDBY MODE
logo
List of Unclassifed Man...
IS31AP4991-SLS2-TR ETC2-IS31AP4991-SLS2-TR Datasheet
418Kb / 11P
1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW STANDBY MODE
logo
Unisonic Technologies
TBA820M UTC-TBA820M_15 Datasheet
178Kb / 6P
1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW SHUTDOWN MODE
logo
Integrated Silicon Solu...
IS31AP4996 ISSI-IS31AP4996 Datasheet
348Kb / 10P
1.1W AUDIO POWER AMPLIFIER WITH ACTIVE-HIGH STANDBY MODE
IS31AP4990D-UTLS2-TR ISSI-IS31AP4990D-UTLS2-TR Datasheet
293Kb / 10P
1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW SHUTDOWN MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com