Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TS4972 Datasheet(PDF) 20 Page - STMicroelectronics

Part # TS4972
Description  1.2W Audio Power Amplifier with Standby Mode Active High
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4972 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button TS4972 Datasheet HTML 16Page - STMicroelectronics TS4972 Datasheet HTML 17Page - STMicroelectronics TS4972 Datasheet HTML 18Page - STMicroelectronics TS4972 Datasheet HTML 19Page - STMicroelectronics TS4972 Datasheet HTML 20Page - STMicroelectronics TS4972 Datasheet HTML 21Page - STMicroelectronics TS4972 Datasheet HTML 22Page - STMicroelectronics TS4972 Datasheet HTML 23Page - STMicroelectronics TS4972 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
TS4972
Application Information
20/30
3
Application Information
Figure 80: Demoboard Schematic
Figure 81: Flip-Chip 300µm Demoboard Components Side
R1
R4
R5
R6
R7
100k
+
C6
100µ
+
C12
1u
C7
100n
C1
C5
C4
C8
100n
+
C11
R2
C2
C3
R3
+
C9
470µ
+
C10
470µ
S5
Positive Input mode
S6
OUT1
S3
GND
S4
GND
S7
OUT2
S1
Vcc
S2
GND
VCC
GND
VCC
VCC
VCC
S8
Standby
R8
1k
Bias
AV = -1
Vin-
Vin+
Bypass
Standby
VC
C
G
ND
Vout 1
Vout 2
+
-
+
-
1
3
6
8
2
5
7
4
U1
TS4972
P1
Neg. Input
P2
Pos. Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com