Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TS4972 Datasheet(PDF) 27 Page - STMicroelectronics

Part # TS4972
Description  1.2W Audio Power Amplifier with Standby Mode Active High
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4972 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button TS4972 Datasheet HTML 22Page - STMicroelectronics TS4972 Datasheet HTML 23Page - STMicroelectronics TS4972 Datasheet HTML 24Page - STMicroelectronics TS4972 Datasheet HTML 25Page - STMicroelectronics TS4972 Datasheet HTML 26Page - STMicroelectronics TS4972 Datasheet HTML 27Page - STMicroelectronics TS4972 Datasheet HTML 28Page - STMicroelectronics TS4972 Datasheet HTML 29Page - STMicroelectronics TS4972 Datasheet HTML 30Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
Mechanical Data
TS4972
27/30
4
Mechanical Data
Figure 87: TS4972 Footprint Recommendation
(Non Solder Mask Defined)
Remarks:
Daisy chain sample is featuring pins connection two by two. The schematic above is illustrating the way
connecting pins each other. This sample is used for testing continuity on board. PCB needs to be
designed on the opposite way, where pin connections are not done on daisy chain samples. By that way,
just connecting an Ohmeter between pin 8 and pin 1, the soldering process continuity can be tested.
Order Codes
Figure 88: Top View Of The Daisy Chain Mechanical Data
( all drawings dimensions are in millimeters
Pad in Cu 35
µm with Flash NiAu (6µm, 0.15µm)
150
µm min.
500
µm
500
µm
Φ=250µm
Φ=400µm
75µm min.
100
µm max.
Track
Solder mask opening
Pad in Cu 35
µm with Flash NiAu (6µm, 0.15µm)
150
µm min.
500
µm
500
µm
Φ=250µm
Φ=400µm
75µm min.
100
µm max.
Track
Solder mask opening
Pad in Cu 35
µm with Flash NiAu (6µm, 0.15µm)
150
µm min.
500
µm
500
µm
Φ=250µm
Φ=400µm
75µm min.
100
µm max.
Track
Solder mask opening
Pad in Cu 35
µm with Flash NiAu (6µm, 0.15µm)
150
µm min.
500
µm
500
µm
Φ=250µm
Φ=400µm
75µm min.
100
µm max.
Track
Solder mask opening
Pad in Cu 35
µm with Flash NiAu (6µm, 0.15µm)
150
µm min.
500
µm
500
µm
Φ=250µm
Φ=400µm
75µm min.
100
µm max.
Track
Solder mask opening
12
4
5
6
7
3
8
Vin
Gnd
Bypass
Vout2
Stdby
Vcc
Vin+
Vout1
2.26 mm
1.6 mm
12
4
5
6
7
3
8
Vin
Gnd
Bypass
Vout2
Stdby
Vcc
Vin+
Vout1
2.26 mm
1.6 mm
Part Number
Temperature Range
Package
Marking
J
TSDC03IJT
-40, +85
°C
•
DC3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com