Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TS4972 Datasheet(PDF) 17 Page - STMicroelectronics

Part # TS4972
Description  1.2W Audio Power Amplifier with Standby Mode Active High
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4972 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button TS4972 Datasheet HTML 13Page - STMicroelectronics TS4972 Datasheet HTML 14Page - STMicroelectronics TS4972 Datasheet HTML 15Page - STMicroelectronics TS4972 Datasheet HTML 16Page - STMicroelectronics TS4972 Datasheet HTML 17Page - STMicroelectronics TS4972 Datasheet HTML 18Page - STMicroelectronics TS4972 Datasheet HTML 19Page - STMicroelectronics TS4972 Datasheet HTML 20Page - STMicroelectronics TS4972 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
Electrical Characteristics
TS4972
17/30
Figure 67: THD + N vs Frequency
Figure 68: THD + N vs Frequency
Figure 69: Signal to Noise Ratio vs Power
Supply with Unweighted Filter (20Hz
to 20kHz)
20
100
1000
10000
0.01
0.1
1
RL = 16
Ω, Vcc = 3.3V
Gv = 10, Cb = 1
µF
BW < 125kHz
Tamb = 25
°C
Pout = 140mW
Pout = 280mW
Frequency (Hz)
20
100
1000
10000
0.01
0.1
1
RL = 16
Ω, Vcc = 2.6V
Gv = 10, Cb = 1
µF
BW < 125kHz
Tamb = 25
°C
Pout = 80mW
Pout = 160mW
Frequency (Hz)
2.5
3.0
3.5
4.0
4.5
5.0
50
60
70
80
90
100
RL=8
Ω
RL=4
Ω
RL=16
Ω
Gv = 2
Cb = Cin = 1µF
THD+N < 0.4%
Tamb = 25°C
Vcc (V)
Figure 70: Signal to Noise Ratio vs Power
Supply with Weighted Filter Type A
Figure 71: Frequency Response Gain vs Cin,
& Cfeed
Figure 72: Signal to Noise Ratio vs Power
Supply with Unweighted Filter (20Hz
to 20kHz)
2.5
3.0
3.5
4.0
4.5
5.0
60
70
80
90
100
110
RL=8
Ω
RL=4
Ω
RL=16
Ω
Gv = 2
Cb = Cin = 1µF
THD+N < 0.4%
Tamb = 25°C
Vcc (V)
10
100
1000
10000
-25
-20
-15
-10
-5
0
5
10
Rin = Rfeed = 22k
Ω
Tamb = 25
°C
Cfeed = 2.2nF
Cfeed = 680pF
Cfeed = 330pF
Cin = 470nF
Cin = 82nF
Cin = 22nF
Frequency (Hz)
2.5
3.0
3.5
4.0
4.5
5.0
50
60
70
80
90
RL=16
Ω
RL=4
Ω
RL=8
Ω
Gv = 10
Cb = Cin = 1µF
THD+N < 0.7%
Tamb = 25°C
Vcc (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com