Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PAM8606 Datasheet(PDF) 2 Page - Power Analog Micoelectronics

Part # PAM8606
Description  6W Stereo Class-D Audio Power Amplifier with DC Volume Control
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8606 Datasheet(HTML) 2 Page - Power Analog Micoelectronics

  PAM8606 Datasheet HTML 1Page - Power Analog Micoelectronics PAM8606 Datasheet HTML 2Page - Power Analog Micoelectronics PAM8606 Datasheet HTML 3Page - Power Analog Micoelectronics PAM8606 Datasheet HTML 4Page - Power Analog Micoelectronics PAM8606 Datasheet HTML 5Page - Power Analog Micoelectronics PAM8606 Datasheet HTML 6Page - Power Analog Micoelectronics PAM8606 Datasheet HTML 7Page - Power Analog Micoelectronics PAM8606 Datasheet HTML 8Page - Power Analog Micoelectronics PAM8606 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
PVCCL
LOUTN
PGNDL
PVCCL
LOUTP
PGNDL
on/off
Depop
Short Circuit
Protection
Thermal
BSLN
BSLP
AVCC
AGND
LINN
LINP
ROSC
COSC
osc
Gain
Adjust
VOLUME
FADE
MUTE
V2P5
_
+
+
_
PAM
Modulation
Driver
Driver
PVCCR
ROUTN
PGNDR
PVCCR
ROUTP
PGNDR
BSRN
BSRP
-
+
+
-
RINN
RINP
Feedback
System
AVDD
SD
Biases &
References
LDO
_
+
+
_
PAM
Modulation
Driver
Driver
-
+
+
-
Feedback
System
Block Diagram
2
,
Power Analog Microelectronics Inc
08/2008 Rev 1.1
PAM8606
6W Stereo Class-D Audio Power Amplifier with DC Volume Control
www.poweranalog.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com