Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PAM8606 Datasheet(PDF) 8 Page - Power Analog Micoelectronics

Part # PAM8606
Description  6W Stereo Class-D Audio Power Amplifier with DC Volume Control
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8606 Datasheet(HTML) 8 Page - Power Analog Micoelectronics

Back Button PAM8606 Datasheet HTML 4Page - Power Analog Micoelectronics PAM8606 Datasheet HTML 5Page - Power Analog Micoelectronics PAM8606 Datasheet HTML 6Page - Power Analog Micoelectronics PAM8606 Datasheet HTML 7Page - Power Analog Micoelectronics PAM8606 Datasheet HTML 8Page - Power Analog Micoelectronics PAM8606 Datasheet HTML 9Page - Power Analog Micoelectronics PAM8606 Datasheet HTML 10Page - Power Analog Micoelectronics PAM8606 Datasheet HTML 11Page - Power Analog Micoelectronics PAM8606 Datasheet HTML 12Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
0.01
20
0.02
0.05
0.1
0.2
0.5
1
2
5
10
%
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
0.01
50
0.02
0.05
0.1
0.2
0.5
1
2
5
10
20
%
10m
10
20m
50m
100m
200m
500m
1
2
5
W
0.01
20
0.02
0.05
0.1
0.2
0.5
1
2
5
10
%
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
0.01
50
0.02
0.05
0.1
0.2
0.5
1
2
5
10
20
%
10m
10
20m
50m
100m
200m
500m
1
2
5
W
0.01
20
0.02
0.05
0.1
0.2
0.5
1
2
5
10
%
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
0.01
50
0.02
0.05
0.1
0.2
0.5
1
2
5
10
20
%
10m
10
20m
50m
100m
200m
500m
1
2
5
W
Typical Performance Characteristics
V =9V,R =8 ,T =25 C
DD
L
A
Ω°
(unless otherwise noted).
8
,
Power Analog Microelectronics Inc
08/2008 Rev 1.1
PAM8606
6W Stereo Class-D Audio Power Amplifier with DC Volume Control
www.poweranalog.com
1. THD vs. Power
V =13.5V
DD
V=9V
DD
V=7V
DD
2. THD vs. Power
f=10kHz
f=500Hz
f=100Hz
3. THD vs. Power
Gv=12dB
Gv=18dB
Gv=32dB
4. THD+N vs Frequency
Po=1W
Po=3W
5. THD+N vs Frequency (Po=1W)
V =13.5V
DD
V=9V
DD
V=7V
DD
6. THD+N vs Frequency (Po=3W)
Gv=18dB
Gv=32dB
Gv=12dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com