Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PAM8606 Datasheet(PDF) 4 Page - Power Analog Micoelectronics

Part # PAM8606
Description  6W Stereo Class-D Audio Power Amplifier with DC Volume Control
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8606 Datasheet(HTML) 4 Page - Power Analog Micoelectronics

  PAM8606 Datasheet HTML 1Page - Power Analog Micoelectronics PAM8606 Datasheet HTML 2Page - Power Analog Micoelectronics PAM8606 Datasheet HTML 3Page - Power Analog Micoelectronics PAM8606 Datasheet HTML 4Page - Power Analog Micoelectronics PAM8606 Datasheet HTML 5Page - Power Analog Micoelectronics PAM8606 Datasheet HTML 6Page - Power Analog Micoelectronics PAM8606 Datasheet HTML 7Page - Power Analog Micoelectronics PAM8606 Datasheet HTML 8Page - Power Analog Micoelectronics PAM8606 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Pin Descriptions
4
,
Power Analog Microelectronics Inc
08/2008 Rev 1.1
PAM8606
6W Stereo Class-D Audio Power Amplifier with DC Volume Control
www.poweranalog.com
Number
Name
Function
2
RINN
Negative differential audio input for right channel
3
RINP
Positive differential audio input for right channel
4AVDD
5V Analog VDD
5
VREF
Analog reference for gain control section
6
VOLUME
DC voltage that sets the gain of the amplifier
7REFGND
Ground for gain control circuitry. Connect to AGND. If using a DAC to control the
volume, connect the DAC ground to this terminal.
8
AGND1
Analog GND
9
FADE
Input for controlling volume ramp rate when cycling SD or during power-up. A
logic low on this pin places the amplifier in fade mode. A logic high on this pin
allows a quick transition to the desired volume setting.
10
LINP
Positive differential audio input for left channel
11
LINN
Negative differential audio input for left channel
12,13,24,25
PGNDL
Power ground for left channel H-bridge
14,15,22,23
PVCCL
Power supply for left channel H-bridge, not connected to PVCCR or AVCC.
16,17
LOUTN
Class-D 1/2-H-bridge negative output for left channel
18
BSLN
Bootstrap I/O for left channel, negative high-side FET
19
BSLP
Bootstrap I/O for left channel, positive high-side FET
20,21
LOUTP
Class-D 1/2-H-bridge positive output for left channel
26
VCLAMPL
Internally generated voltage supply for left channel bootstrap capacitors.
27
COSC
I/O for charge/discharging currents onto capacitor for ramp generator triangle
wave biased at V2P5
28
ROSC
Current setting resistor for ramp generator.
29,33
AGND
Analog GND
30
MUTE
A logic high on this pin disables the outputs and a logic low enables the outputs.
31
AVCC
High-voltage analog power supply (7.0 V to 13.5V)
32
V2P5
2.5V Reference for analog cells, as well as reference for unused audio input
when using single-ended inputs.
34
SD
Shutdown signal for IC (low= shutdown, high =operational). TTL logic levels with
compliance to AVCC.
35
VCLAMPR
Internally generated voltage supply for right channel bootstrap capacitors.
1,36,37,48
PGNDR
Power ground for right channel H-bridge
38,39,46,47
PVCCR
Power supply for right channel H-bridge, not connected to PVCCL or AVCC.
40,41
ROUTP
Class-D 1/2-H-bridge positive output for right channel
42
BSRP
Bootstrap I/O for right channel, positive high-side FET
43
BSRN
Bootstrap I/O for right channel, negative high-side FET
44,45
ROUTN
Class-D 1/2-H-bridge negative output for right channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com