Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PAM8606 Datasheet(PDF) 5 Page - Power Analog Micoelectronics

Part # PAM8606
Description  6W Stereo Class-D Audio Power Amplifier with DC Volume Control
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8606 Datasheet(HTML) 5 Page - Power Analog Micoelectronics

  PAM8606 Datasheet HTML 1Page - Power Analog Micoelectronics PAM8606 Datasheet HTML 2Page - Power Analog Micoelectronics PAM8606 Datasheet HTML 3Page - Power Analog Micoelectronics PAM8606 Datasheet HTML 4Page - Power Analog Micoelectronics PAM8606 Datasheet HTML 5Page - Power Analog Micoelectronics PAM8606 Datasheet HTML 6Page - Power Analog Micoelectronics PAM8606 Datasheet HTML 7Page - Power Analog Micoelectronics PAM8606 Datasheet HTML 8Page - Power Analog Micoelectronics PAM8606 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Absolute Maximum Ratings
These are stress ratings only and functional operation is not implied
Exposure to absolute
maximum ratings for prolonged time periods may affect device reliability
All voltages are with
respect to ground
.
.
.
Supply Voltage V
.........................-0.3V to15.0V
Input Voltage Range V :
MUTE,VREF,VOLUME,
................0V to 6.0V
....................................................-0.3V to V
RINN,RINP,LINN,LINP......................-0.3V to 6.0V
DD
DD
I
FADE
SD
Junction Temperature Range,T ......-40°C to 125
Storage Temperature.....................-65
to150
Lead Temperature1,6mm (1/16 inch) from case for
5 seconds.................................................260
J
°C
°C
°C
°C
Recommended Operating Conditions
Supply Voltage................................7.0V to 13.5V
Maximum Volume Control Pins, Input Pins
Voltage................................................0V to 5.0V
High Level Input Voltage:
.........................2.0V
MUTE
...........2.0V
Low Level Input Voltage:
SD
,
.........................0.3V
,
°C
°C
FADE
SD
FADE
MUTE
...........0.3V
Ambient Operating Temperature......-20
to 85
Thermal Information
5
,
Power Analog Microelectronics Inc
08/2008 Rev 1.1
PAM8606
6W Stereo Class-D Audio Power Amplifier with DC Volume Control
www.poweranalog.com
Parameter
Package
Symbol
Maximum
Unit
Thermal Resistance
(JunctiontoCase)
TQFP 7mm*7mm
θJC
8.7
Thermal Resistance*
(JunctiontoAmbient)
TQFP 7mm*7mm
θJA
48
°C/W
*4-layer PCB with the Exposed PAD soldered to a thermal land on the PCB and vias on PCB for heat
dissipation (refer to Application Information hereinafter).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com