Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PAM8610 Datasheet(PDF) 3 Page - Power Analog Micoelectronics

Part # PAM8610
Description  10W Stereo Class-D Audio Power Amplifier with DC Volume Control
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8610 Datasheet(HTML) 3 Page - Power Analog Micoelectronics

  PAM8610 Datasheet HTML 1Page - Power Analog Micoelectronics PAM8610 Datasheet HTML 2Page - Power Analog Micoelectronics PAM8610 Datasheet HTML 3Page - Power Analog Micoelectronics PAM8610 Datasheet HTML 4Page - Power Analog Micoelectronics PAM8610 Datasheet HTML 5Page - Power Analog Micoelectronics PAM8610 Datasheet HTML 6Page - Power Analog Micoelectronics PAM8610 Datasheet HTML 7Page - Power Analog Micoelectronics PAM8610 Datasheet HTML 8Page - Power Analog Micoelectronics PAM8610 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Pin Configuration & Marking Information
3
,
Power Analog Microelectronics Inc
08/2008 Rev 1.2
1
2
3
4
5
6
7
8
9
10
RINN
RINP
AVDD
VREF
VOLUME
REFGND
AGND1
FADE
LINP
LINN
13
14
15
16
17
18
19
20
21
22
23
24
VCLAMPL
COSC
ROSC
AGND
VCLAMPR
25
26
27
28
29
30
31
32
33
34
35
36
MUTE
AVCC
V2P5
AGND
SD
37
38
39
40
PAM8610
10W Stereo Class-D Audio Power Amplifier with DC Volume Control
Top View
6mm*6mm QFN
PAM8610
XATYWWLL
X: Internal Code
A: Assembly Code
T: Testing Code
Y: Year
WW: Week
LL: Internal Code
www.poweranalog.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com