Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PAM8610 Datasheet(PDF) 5 Page - Power Analog Micoelectronics

Part # PAM8610
Description  10W Stereo Class-D Audio Power Amplifier with DC Volume Control
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8610 Datasheet(HTML) 5 Page - Power Analog Micoelectronics

  PAM8610 Datasheet HTML 1Page - Power Analog Micoelectronics PAM8610 Datasheet HTML 2Page - Power Analog Micoelectronics PAM8610 Datasheet HTML 3Page - Power Analog Micoelectronics PAM8610 Datasheet HTML 4Page - Power Analog Micoelectronics PAM8610 Datasheet HTML 5Page - Power Analog Micoelectronics PAM8610 Datasheet HTML 6Page - Power Analog Micoelectronics PAM8610 Datasheet HTML 7Page - Power Analog Micoelectronics PAM8610 Datasheet HTML 8Page - Power Analog Micoelectronics PAM8610 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Absolute Maximum Ratings
These are stress ratings only and functional operation is not implied
Exposure to absolute
maximum ratings for prolonged time periods may affect device reliability
All voltages are with
respect to ground
.
.
.
Recommended Operating Conditions
Thermal Information
5
,
Power Analog Microelectronics Inc
08/2008 Rev 1.2
PAM8610
10W Stereo Class-D Audio Power Amplifier with DC Volume Control
Parameter
Package
Symbol
Maximum
Unit
Thermal Resistance
(Junction to Case)
QFN 6mm*6mm
θJC
7.6
Thermal Resistance
(Junction to Ambient)
QFN 6mm*6mm
θJA
18.1
°C/W
www.poweranalog.com
Supply Voltage V
.........................-0.3V to16.5V
Input Voltage Range V :
MUTE,VREF,VOLUME,
................0V to 6.0V
....................................................-0.3V to V
RINN,RINP,LINN,LINP......................-0.3V to 6.0V
DD
DD
I
FADE
SD
Junction Temperature Range,T ......-40°C to 125
Storage Temperature.....................-65
to150
Lead Temperature1,6mm(1/16 inch) from case for
5 seconds.................................................260
J
°C
°C
°C
°C
Supply Voltage (V )............................7V to 15V
Maximum Volume Control Pins, Input Pins
Voltage................................................0V to 5.0V
High Level Input Voltage:
.................2.0V to V
MUTE
...2.0V to 5V
Low Level Input Voltage:
DD
DD
SD
,
...................0 to 0.3V
,
°C
°C
FADE
SD
FADE
MUTE
.....0 to 0.3V
Ambient Operating Temperature......-20
to 85
The Exposed PAD must be soldered to a thermal land on the PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com